Electronic Components Datasheet Search
  English  ▼

X  

301710 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 301710
Description  Hydraulic Crimping
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

301710 Datasheet(HTML) 2 Page - Tyco Electronics

  301710 Datasheet HTML 1Page - Tyco Electronics 301710 Datasheet HTML 2Page - Tyco Electronics 301710 Datasheet HTML 3Page - Tyco Electronics 301710 Datasheet HTML 4Page - Tyco Electronics 301710 Datasheet HTML 5Page - Tyco Electronics 301710 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
408- 8910
Hydraulic Crimping Head 1673672- 1
Rev B
2
of 6
Tyco Electronics Corporation
4. NEST SELECTION
To avoid personal injury, release the hydraulic
pressure to the hose. Disconnect electric
hydraulic pump unit from power supply.
Figure 2
Indenter
Nest
Thumb
Knob
To Open Head,
Depress Latch
Pull Back Nest Wheel Lock, Then Turn Thumb Knob to Select
Desired Nest
Nest
Wheel Lock
1. Depress the latch and open the crimping head
as shown in Figure 2.
2. While the head is open, pull back the nest wheel
lock and turn the thumb knob until the desired nest
appears. Wire size numbers appear at each nest.
3. Rotate the thumb knob left or right until the nest
wheel locks into place. If thee nest wheel is not
properly locked, the head cannot be closed.
5. WIRE STRIPPING
Strip wires to the dimensions listed in Figure 3.
WIRE
WIRE STRIP LENGTH
WIRE
SIZE
Terminals
Butt and Parallel Splices
SIZE
Min.
Max.
Min.
Max.
8
8.38 [.330]
9.14 [.360]
10.41 [.410] 11.18 [.440]
6
9.91 [.390]
10.67 [.420] 11.94 [.470] 12.70 [.500]
4
11.43 [.450] 12.19 [.480] 13.46 [.530] 14.22 [.560]
2
13.21 [.520]
14.0 [.550]
14.99 [.590] 15.75 [.620]
Figure 3
Do not use wires with nicked or missing
conductor strands.
6. CRIMPING PROCEDURE
To avoid personal injury, release the hydraulic
pressure to the hose. Disconnect electric
hydraulic pump unit from power supply.
1. Center the terminal or splice wire barrel in the
nest as shown in Figure 4. For best results,
position the brazed seam on the terminal or splice
toward the indenter.
Wire size stamped on the terminal or splice must
correspond to the wire size stamped in the nest.
2. Activate the power unit to advance the indenter
and hold the terminal or splice in place. Do not
deform the wire barrel of the terminal or splice.
3. Insert the stripped wire into the wire barrel of
terminal or splice. When crimping terminals and
parallel splices, the end of the wire must be flush
with or extend slightly beyond the end of the wire
barrel. When crimping butt splices, wire must be
visible through the inspection hole.
4. Activate the power unit to complete the crimp.
5. To complete the other half of the butt splice,
remove and reposition uncrimped half of the splice
in the nest. Insert wire and then activate the power
unit to crimp the splice. The completed terminal or
splice should be as shown in Figure 5.
Figure 4
Terminal
Parallel
Splice
Butt
Splice
“B” Equals Wire Barrel
Center Terminal or
Splice Wire Barrel in
Nest
When Brazed Seam on Terminal
or Splice is Visible, Position
Seam Toward Indenter
DANGER
CAUTION
!
DANGER
NOTE
i



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com