Electronic Components Datasheet Search
  English  ▼

X  

237133 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 237133
Description  Pneumatic Tools
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

237133 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 237133 Datasheet HTML 9Page - Tyco Electronics 237133 Datasheet HTML 10Page - Tyco Electronics 237133 Datasheet HTML 11Page - Tyco Electronics 237133 Datasheet HTML 12Page - Tyco Electronics 237133 Datasheet HTML 13Page - Tyco Electronics 237133 Datasheet HTML 14Page - Tyco Electronics 237133 Datasheet HTML 15Page - Tyco Electronics 237133 Datasheet HTML 16Page - Tyco Electronics 237133 Datasheet HTML 17Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
409-2426
Pneumatic Tools 68068 and 68068-1
Rev A
13 of 17
Tyco Electronics Corporation
PARTS LIST
ITEM
PART NUMBER
DESCRIPTION
QTY PER TOOL
1
237130-0
GRIP, Handle
1
2
237116-0
BUTTON
1
3
4-21086-5
O" RING, Air Valve Spool
2
4
237134-0
SPOOL, Air Valve
1
5
22284-7
SPRING, Compression
1
6
237118-0
HANDLE
1
7
237111-0
STRAP
1
8
21055-7
WASHER, Flat, No. 10
3
9
5-21000-3
SCREW, Socket Head Cap, 10-24.500 in. Long
2
10
2-21002-0
SCREW, Button Head, 8-32.250 in. Long
4
11
300093-0
HOSE, Coupling
1
12
302222-0
CAP, Plastic
1
13
300094-0
HOSE, Air, 10 ft
1
14
21030-7
PIN, Dowel, .125 in. Dia.1.125 in. Long
1
15
4-21086-3
O" RING
2
16
6-21002-5
SCREW, Button Head, 10-24.750 in. Long
1
17
308391-1
COVER, Housing
2
18
23138-2
PIN, Cowling
8
19
237133-0
PIN, Retaining
4
20
2-21002-3
SCREW, Button Head Socket Cap, 8-32.630 in. Long
8
21
237114-0
PLUG, Front
1
22
2-21106-6
RING, Back-Up
2
23
3-21107-5
RING, Back-Up
2
24
3-21000-6
SCREW, Socket Head Cap, 10-32.625 in. Long
1
25
237113-0
PLUG, Rear
1
26
25625-2
PLATE, Identification
1
27
1-21976-4
O" RING, Piston
3
28
237101-0
PISTON
1
29
237099-0
ROD, Piston
1
30
5-21084-0
O" RING, Piston Rod
1
31
237106-0
INSERT, Front Plug
1
32
5-21028-7
PIN, Slotted Spring, .125 in. Dia.880 in. Long, Cam Retaining
1
33
237131-0
CAM
1
34
237156-0
HOUSING
1
35
306209-7
PIN, Pivot
2
36
308389-1
PLUNGER
2
37
3-22280-7
SPRING, Compression
2
38
308390-1
RETAINER, Spring
2
Figure 9 (End)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com