Electronic Components Datasheet Search
  English  ▼

X  

237133 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 237133
Description  Pneumatic Tools
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

237133 Datasheet(HTML) 3 Page - Tyco Electronics

  237133 Datasheet HTML 1Page - Tyco Electronics 237133 Datasheet HTML 2Page - Tyco Electronics 237133 Datasheet HTML 3Page - Tyco Electronics 237133 Datasheet HTML 4Page - Tyco Electronics 237133 Datasheet HTML 5Page - Tyco Electronics 237133 Datasheet HTML 6Page - Tyco Electronics 237133 Datasheet HTML 7Page - Tyco Electronics 237133 Datasheet HTML 8Page - Tyco Electronics 237133 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
409-2426
Pneumatic Tools 68068 and 68068-1
Rev A
3 of 17
Tyco Electronics Corporation
Figure 1
Tool 68068
Tool 68068-1
Jaw Assembly
(Not Included)
Top Handle
Position
Side Handle
Position
Jaw Assembly
(Not Included)
1. INTRODUCTION
Pneumatic Tools 68068 and 68068–1 (shown in Figure 1) are light weight portable hand tools that accept an
interchangeable jaw assembly. The jaw assembly provides the tool with a versatility for crimping a wide variety
of types and sizes of terminals or splices. Tool 68068 has a top handle position, and Tool 68068–1 has a side
handle position.
When reading this manual, pay particular attention to DANGER, CAUTION, NOTE statements.
Denotes an imminent hazard which may result in moderate or severe injury.
Denotes a condition which may result in product or equipment damage.
Highlights special or important information.
Reasons for reissue of this customer manual are provided in Section 9, REVISION SUMMARY.
All numerical values in this instruction sheet are in metric units [with U.S. customary units in brackets]. Dimensions are
in millimeters [and inches]. Figures are not drawn to scale.
1.1. Specifications
Specifications for the pneumatic tools are given in Figure 2.
Figure 2 (Cont’d)
Air Pressure Range
552-689 kPa [80-100 psi]
......
Air Displacement
40 cu in. (Approx)
........
Weight
5 K [11 lb] (Approx) (Including Jaw Assembly)
...............
Specifications
DANGER
CAUTION
!
NOTE
i
NOTE
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com