Electronic Components Datasheet Search
  English  ▼

X  

LAN9215-MZP Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN9215-MZP
Description  16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215-MZP Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN9215-MZP Datasheet HTML 15Page - SMSC Corporation LAN9215-MZP Datasheet HTML 16Page - SMSC Corporation LAN9215-MZP Datasheet HTML 17Page - SMSC Corporation LAN9215-MZP Datasheet HTML 18Page - SMSC Corporation LAN9215-MZP Datasheet HTML 19Page - SMSC Corporation LAN9215-MZP Datasheet HTML 20Page - SMSC Corporation LAN9215-MZP Datasheet HTML 21Page - SMSC Corporation LAN9215-MZP Datasheet HTML 22Page - SMSC Corporation LAN9215-MZP Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9215
19
Revision 2.9 (03-01-12)
DATASHEET
Table 2.5 System and Power Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION
Crystal 1, Clock In
XTAL1/CLKIN
lCLK
1
External 25MHz Crystal Input. This pin can also
be connected to single-ended TTL oscillator
(CLKIN). If this method is implemented, XTAL2
should be left unconnected.
Crystal 2
XTAL2
OCLK
1
External 25MHz Crystal output.
Reset
nRESET
IS
(PU)
1
Active-low reset input. Resets all logic and
registers within the LAN9215. This signal is
pulled high with a weak internal pull-up resistor.
If nRESET is left unconnected, the LAN9215
will rely on its internal power-on reset circuitry.
Note:
The LAN9215 must always be read at
least once after power-up, reset, or
upon return from a power-saving state
or write operations will not function.
See Section 3.10, "Detailed Reset
Description," on page 44 for additional
information
Wakeup Indicator
PME
O8/OD8
1
When programmed to do so, is asserted when
the LAN9215 detects a wake event and is
requesting the system to wake up from the
associated sleep state. The polarity and buffer
type of this signal is programmable.
Note:
Detection of a Power Management
Event, and assertion of the PME
signal will not wakeup the LAN9215.
The LAN9215will only wake up when it
detects a host write cycle (assertion of
nCS and nWR). Although any write to
the LAN9215, regardless of the data
written, will wake-up the device when
it is in a power-saving mode, it is
required that the BYTE_TEST register
be used for this purpose.
Auto-MDIX Enable
AMDIX_EN
I
(PD)
1
Enables Auto-MDIX. Pull high enable Auto-
MDIX, pull low or leave unconnected to disable
Auto-MDIX.
10/100 Selector
SPEED_SEL
I
(PU)
1
This signal functions as a configuration input on
power-up and is used to select the default
Ethernet settings. Upon deassertion of reset,
the value of the input is latched. This signal
functions as shown in Table 2.2, "Default
Ethernet Settings", below.
No Connect
NC
4
No Connect. These pins must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com