Electronic Components Datasheet Search
  English  ▼

X  

LAN9215-MZP Datasheet(PDF) 71 Page - SMSC Corporation

Part # LAN9215-MZP
Description  16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215-MZP Datasheet(HTML) 71 Page - SMSC Corporation

Back Button LAN9215-MZP Datasheet HTML 67Page - SMSC Corporation LAN9215-MZP Datasheet HTML 68Page - SMSC Corporation LAN9215-MZP Datasheet HTML 69Page - SMSC Corporation LAN9215-MZP Datasheet HTML 70Page - SMSC Corporation LAN9215-MZP Datasheet HTML 71Page - SMSC Corporation LAN9215-MZP Datasheet HTML 72Page - SMSC Corporation LAN9215-MZP Datasheet HTML 73Page - SMSC Corporation LAN9215-MZP Datasheet HTML 74Page - SMSC Corporation LAN9215-MZP Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9215
71
Revision 2.9 (03-01-12)
DATASHEET
full-duplex transmission. Therefore, these signals cannot be used as a verification method of
transmitted packets when transmitting in 10/100 Mbps full-duplex modes.
Note 4.1
The LAN9215 10/100 PHY internal CRS signal operates in two modes: Active and Low.
When in Active mode, the internal CRS will transition high and low upon line activity, where
a high value indicates a carrier has been detected. In Low mode, the internal CRS stays
low and does not indicate carrier detection. The internal CRS signal and No Carrier (bit 10
of the TX Status word) cannot be used as a verification method of transmitted packets
when transmitting in 10/100 Mbps full-duplex mode.
4.8
HP Auto-MDIX
HP Auto-MDIX facilitates the use of CAT-3 (10 Base-T) or CAT-5 (100 Base-T) media UTP interconnect
cable without consideration of interface wiring scheme. If a user plugs in either a direct connect LAN
cable, or a cross-over patch cable, as shown in Figure 4.3, the SMSC LAN9215 Auto-MDIX PHY is
capable of configuring the TPO and TPI twisted pair pins for correct transceiver operation.
The internal logic of the device detects the TX and RX pins of the connecting device. Since the RX
and TX line pairs are interchangeable, special PCB design considerations are needed to accommodate
the symmetrical magnetics and termination of an Auto-MDIX design.
The Auto-MDIX function can be disabled through an internal register 27.15, or the external control pins
AMDIX_EN. When disabled the TX and RX pins can be configured with the Channel Select
(CH_SELECT) pin as desired.
Table 4.2 CRS Behavior
MODE
SPEED
DUPLEX
ACTIVITY
CRS BEHAVIOR
(Note 4.1)
Manual
10 Mbps
Half-Duplex
Transmitting
Active
Manual
10 Mbps
Half-Duplex
Receiving
Active
Manual
10 Mbps
Full-Duplex
Transmitting
Low
Manual
10 Mbps
Full-Duplex
Receiving
Active
Manual
100 Mbps
Half-Duplex
Transmitting
Active
Manual
100 Mbps
Half-Duplex
Receiving
Active
Manual
100 Mbps
Full-Duplex
Transmitting
Low
Manual
100 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
10 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
100 Mbps
Full-Duplex
Receiving
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com