Electronic Components Datasheet Search
  English  ▼

X  

175289 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 175289
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175289 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 175289 Datasheet HTML 8Page - Tyco Electronics 175289 Datasheet HTML 9Page - Tyco Electronics 175289 Datasheet HTML 10Page - Tyco Electronics 175289 Datasheet HTML 11Page - Tyco Electronics 175289 Datasheet HTML 12Page - Tyco Electronics 175289 Datasheet HTML 13Page - Tyco Electronics 175289 Datasheet HTML 14Page - Tyco Electronics 175289 Datasheet HTML 15Page - Tyco Electronics 175289 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
89
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
D-5200S — Standard 1-Row Type (Continued)
Board-mount Tab Header (Horizontal Type)
Board-mount Tab Header (Vertical Type)
No. of
Pos.
2
3
4
5
6
Part Number of Tab Header
Dimensions
AB
C
29.36
22.86
10.16
39.52
33.02
20.32
49.68
43.18
30.48
—
—
—
70.00.00
63.500
50.800
J
-353079-J
J
-353081-J
J
-917541-J
—
J
-179959-J
PC Board Layout
Applicable Board
Thickness:
1.6-2.4±0.1
Tube Package Dimensions (Ref.)
No. of
Pos.
2
3
4
5
6
Part Number
Standard Type Sequential Type
Dimensions
AB
C
29.36
22.86
10.16
39.52
33.02
20.32
49.68
43.18
30.48
—
—
—
70.00.00
63.500
50.800
J
-353080-J
J
-353082-J
J
-917542-J
—
J
-179960-J
—
J
-353082-2*1
J
-917542-2*1
—
—
PC Board Layout
Applicable Board
Thickness: 1.6-2.4±0.1
Tube Package Dimensions (Ref.)
Standard Type
Mating Receptacle Housing
Part Number:
J
-179958-J
Mating Receptacle Housing
Part Number:
J
-179958-J
Sequential Type
*1 In the of the sequential type, enter 8- for X type, and enter 9- for Y type.
*2 For the 3 pos. connector assembly, the sequential post is inserted in the circuit No. 3.
For the 4 pos. connector assembly, the sequential post is inserted in the circuit No. 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com