Electronic Components Datasheet Search
  English  ▼

X  

175289 Datasheet(PDF) 24 Page - Tyco Electronics

Part # 175289
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175289 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button 175289 Datasheet HTML 20Page - Tyco Electronics 175289 Datasheet HTML 21Page - Tyco Electronics 175289 Datasheet HTML 22Page - Tyco Electronics 175289 Datasheet HTML 23Page - Tyco Electronics 175289 Datasheet HTML 24Page - Tyco Electronics 175289 Datasheet HTML 25Page - Tyco Electronics 175289 Datasheet HTML 26Page - Tyco Electronics 175289 Datasheet HTML 27Page - Tyco Electronics 175289 Datasheet HTML 28Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
101
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMP Dynamic with HTS Connectors (Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
2800/3800 Series
Material and Finish
Receptacle Contact — Phosphor
bronze or copper alloy, gold plated with
1.27 µm nickel underplate
Tab Contact — Phosphor bronze or
copper alloy, gold plated with 1.27 µm
nickel underplate
Housing — Glass filled polyester
(PBT), UL 94V-0
Performance Characteristics
Voltage Rating —
D-2800 Series: 250 V;
D-3800 Series: 600 V
Current Rating —
D-2800 Series: 5A (#18 AWG);
D-3800 Series: 15A (#16 AWG)
Contact Resistance — 10 m
Ω max.
Dielectric Withstanding Voltage —
1,500 V (1 minute)
Operating Temperature —
-55°C ~ +105°C
Technical Documents
Product Specifications
108-78284
108-78285
Application Specifications
114-5258
114-5148
This Series is a
combination of the proven
HTS series rectangular
connectors and the
popular Dynamic Series
connector line.
Metal hoods and frames of
HTS connectors, which
offers many choices
depending on sizes and
mounting styles are
employed. Sizes and num-
ber of positions can be
selected to meet the appli-
cation needs. It is also suit-
able for high-current appli-
cations.
Sequential terminals are
available to enable termina-
tion with automatic crimping
machines. Termination time
can be substantially
reduced.
Approximately 30% higher
density mounting is possi-
ble compared to the high
density HTS connectors.
Contact
Contacts of proven Dynamic Series, as well as the existing
special tools and applicators, can continue to be used.
Receptacle Contact
(Used in Receptacle Housing)
Tab Contact
(Used in Tab Housing)
D-3 Contact
D-2 Contact
Receptacle Contact
(Used in Receptacle Housing)
Tab Contact
(Used in Tab Housing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com