Electronic Components Datasheet Search
  English  ▼

X  

MU20 Datasheet(PDF) 13 Page - STANLEY ELECTRIC CO.,LTD.

Part # MU20
Description  Single Color / Light Bar Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MU20 Datasheet(HTML) 13 Page - STANLEY ELECTRIC CO.,LTD.

Back Button MU20 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Single Color / Light Bar Module
MU20 Series
Page 13
Reliability Testing Result
Failure Criteria
2012.11.19
Reliability Testing Result Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
Ta = 25℃, IF = Maxium Rated Current
1,000 h
0/10
Resistance to
Soldering Heat
EIAJ ED-
4701/300(302)
260±5℃, 3mm from package base
10s
0/10
Temperature Cycling
EIAJ ED-
4701/100(105)
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
5 cycles
0/10
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/10
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/10
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/10
Lead Tension
EIAJ ED-
4701/400(401)
5N,1time
10s
0/10
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/10
Lead Bend
EIAJ ED-
4701/400(401)
2.5N, 0°←→ 90°
Twice
0/10
Shock
JIS C 7201
A-8
It falls on wood engraving from height of 75cm.
3 times
0/10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF=20mA
Testing Min. Value < Spec. Min. Value x 0.5
Forward Voltage
VF
IF=20mA
Testing Max. Value ≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR=4V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com