Electronic Components Datasheet Search
  English  ▼

X  

MU20 Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # MU20
Description  Single Color / Light Bar Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MU20 Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  MU20 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MU20 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Color and Luminous Intens ity
MIN.
T YP .
IF
MU20-5101
Ga P
2
4
20
MU20-5105
Ga P
2
4
20
MU20-4101
Ga P
4
8
20
MU20-4105
Ga P
4
8
20
MU20-3101
Ga AsP
3
6
20
MU20-3105
Ga AsP
3
6
20
MU20-2101
Ga AlAs
4
8
20
MU20-2105
Ga AlAs
4
8
20
Abs olute Maximum R atings
5101
5105
4101
4105
3101 3105 2101 2105
P d
mW
IF
mA
IFR M
mA
⊿ IF
mA/℃
⊿ IFRM
mA/℃
VR
V
T opr
℃
T stg
℃
※1 IFRM Measurement condition : P ulse Width ≦ 2ms, Duty ≦ 1/5
E lectro- Optical Characteris tics
Conditions
5101
5105
4101
4105
3101 3105 2101 2105
TYP .
MAX .
Re ve rse Curre nt
VR =4V
IR
MAX .
μA
Pe a k Wa ve le ng th IF =20mA
λp
TYP .
nm
Spe ctra l L ine Half
Width
IF =20mA ⊿λ
TYP .
nm
30
1.7
2.0
100
660
30
2.2
2.5
100
605
100
555
30
2.1
2.5
100
570
30
F orw ard Voltage
V
IF =20mA
Ite m
VF
Symbol
Characte ristics
Unit
2.2
2.5
Unit
Absolute Ma x imum Ra ting s
-40~ +85
-40~ +85
62.5
25
60
0.33
0.80
4
Re sin Color
Green
Milky White
Numbe r of
Chips
1
1
Iv (mc d)
L uminous Inte nsity
1
1
1
Ye llow
Milky White
1
1
1
Ora ng e
Re d
Ora ng e
Milky White
Re d
Milky White
Re ve rse Volta g e
De ra ting
(T a =25℃ or hig he r)
Operating Te mperature
S torag e Temperature
Pa rt No.
Ma te ria l
Ye llow Green
E mitte d Color
Green
60
0.40
Ite m
P ow e r Dissipa tion
Symbol
Forwa rd Curre nt
P ulse F orward Current
※ 1
0.80
4
62.5
25
60
0.33
0.80
4
75
30
0.80
4
60
30
60
0.40
MU20 Series
Single Color / Light Bar Module
Page 2
(Ta=25℃)
(Ta=25℃)
2012.11.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com