Electronic Components Datasheet Search
  English  ▼

X  

MU13 Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # MU13
Description  Bi-Color / Light Bar Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MU13 Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  MU13 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Green
: 555 nm
Yellow Green
: 570 nm
Red
: 660 nm
Features
Recommended Applications
Electric Household Appliances, OA/FA, Other General Applications
Page 1
・Bi-Color
・Lead–free soldering compatible
・RoHS compliant
Light emitting surface (Outer size)
Product features
9 x 9 mm (10.1 x 10.1 mm) (L x W)
MU13 Series
Bi-Color / Light Bar Module
Peak wavelength
Soldering methods
Soldering methods
Packing
More than 2kV(HBM)
Plastic bag
TTW (Through The Wave) soldering and manual soldering
Green, Yellow Green : GaP
Red
: GaAlAs
Die materials
2012.11.19


Similar Part No. - MU13

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MU13 MOSPEC-MU13 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
List of Unclassifed Man...
MU13-9101 ETC-MU13-9101 Datasheet
238Kb / 4P
SUPER BRIGHT LED LIGHT BAR MODULE
MU13-9102 ETC-MU13-9102 Datasheet
238Kb / 4P
SUPER BRIGHT LED LIGHT BAR MODULE
logo
Micro Electronics
MU13001A MICRO-ELECTRONICS-MU13001A Datasheet
65Kb / 2P
3 SINGLE DIGIT NUMBERIC DISPLAYS
MU13001C MICRO-ELECTRONICS-MU13001C Datasheet
65Kb / 2P
3 SINGLE DIGIT NUMBERIC DISPLAYS
More results

Similar Description - MU13

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E2010 GILWAY-E2010 Datasheet
183Kb / 3P
Light Bar
logo
List of Unclassifed Man...
B-1020X ETC-B-1020X Datasheet
80Kb / 1P
LIGHT BAR
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
LIGHT BAR
MU04-2101 ETC-MU04-2101 Datasheet
238Kb / 4P
SUPER BRIGHT LED LIGHT BAR MODULE
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
LIGHT BAR
logo
Marktech Corporate
MTB10631-GYHR MARKTECH-MTB10631-GYHR Datasheet
652Kb / 3P
Tri Color 10 Sement Light Bar
logo
BetLux Electronics
BL-AR10B2510 BETLUX-BL-AR10B2510 Datasheet
302Kb / 4P
10 bars, 25.4*10.1*6.8mm, LED light bar, BI-COLOR TYPE
REV NO: V.2
logo
STANLEY ELECTRIC CO.,LT...
MU92 STANLEY-MU92 Datasheet
256Kb / 14P
Single Color / Light Bar Module
MU20 STANLEY-MU20 Datasheet
2Mb / 14P
Single Color / Light Bar Module
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
LIGHT BAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com