Electronic Components Datasheet Search
  English  ▼

X  

MU13 Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # MU13
Description  Bi-Color / Light Bar Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MU13 Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  MU13 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3
Bi-Color / Light Bar Module
MU13 Series
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current IF(mA)
Technical Data(9101)
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage VF(V)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Relative Intensity
Condition : IF=20mA
Ambient Temperature : Ta(℃)
2012.11.19



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com