Electronic Components Datasheet Search
  English  ▼

X  

1376136 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1376136
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1376136 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1376136 Datasheet HTML 3Page - Tyco Electronics 1376136 Datasheet HTML 4Page - Tyco Electronics 1376136 Datasheet HTML 5Page - Tyco Electronics 1376136 Datasheet HTML 6Page - Tyco Electronics 1376136 Datasheet HTML 7Page - Tyco Electronics 1376136 Datasheet HTML 8Page - Tyco Electronics 1376136 Datasheet HTML 9Page - Tyco Electronics 1376136 Datasheet HTML 10Page - Tyco Electronics 1376136 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
84
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
Œ Insert Extraction Tool in the direction
as shown, insert into the narrow lower
section of Housing’s reverse convex hole.
(make sure that you are holding tool in
proper position, top and bottom.)
* Take care not to insert tool into contact
section. If you’ve inserted by error,
replace the contact with a new one
before proceeding.
D-5 Contacts
Application Tooling
Crimp Type Contacts
Extraction Tool
Part Number: 409158-1
Instruction Sheet 411-5774
• How to Use Extraction Tool
Receptacle Contact
(Used in Receptacle Housing)
Tab Contact
(Used in Tab Housing)
Wire Range
AWG
mm2
Ins. Dia.
Range
mm
Wire
Range
Mark
Contact Part Numbers*
Sequential Tab
Receptacle
Tab
16
14
12
10
1.25
2.20
3.50
5.50
3~3.8
4~5.2
S
M
ST.
LP.
ST.
LP.
179955-J
316040-J
179956-J
316041-J
917802-J
917804-J
917803-J
917805-J
Application Tooling
Mini-Applicator
Hand Tool
**
—
**
—
—
234170-1
—
234171-1
84696-1
1,—
84695-1
1—
Note: Enter the following plating code in Part Number suffix-J:
-2 = 0.38 µm thick gold plating, -3 = 0.76µm thick gold plating,
-6 = 2.54 µm thick silver plating
* Strip Form contacts are used with Mini-Applicator and Loose-Piece contacts
are with hand tools.
**Mini-Applicator is for use on Automachines. (See next page. Contact
Technical Support for details.)
•Used to extract contacts from wire type tab / receptacle housing.
( Take care when inserting tool as the lance section of D-5 is turned upside down to that of D-3.)
•With D-5 contacts only, it is possible to extract using a small-size slotted screwdriver.
When Using D-5 Extraction Tool
When Using Slotted Screwdriver
 The tip of Extraction Tool depresses
housing lance, freeing contact.
Ž Contact can now be pulled out.
 When you butt the tip of tool at lance
section and depress it, contact is
released.
Ž Contact can be pulled out.
D-5α Contacts (Silver Plating)
Wire Range
AWG
mm2
Ins. Dia.
Range
mm
Wire
Range
Mark
Contact Part Numbers*
Receptacle
20
16
16
14
0.50
1.25
1.25
2.20
1.8~3.23
3~3.80
SS
S
ST.
LP.
ST.
LP.
1318985-6
1318986-6
0179955-6
0316040-6
Application Tooling
Mini-Applicator
**
—
**
—
Note: The contact part numbers with "-6" are silver plated with
2.54 µm thickness.
* Strip Form contacts are used with Mini-Applicator and Loose-Piece contacts
are with hand tools.
**Mini-Applicator is for use on Automachines. (See next page. Contact
Technical Support for details.)
12
10
8
3.50
5.50
8.00
4~5.2
4.9~7.8
M
L
ST.
LP.
ST.
LP.
0179956-6
0316041-6
1318696-6
1318697-6
**
—
**
—
Hand Tool
—
91596-1
—
234170-1
—
234171-1
—
1366044-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com