Electronic Components Datasheet Search
  English  ▼

X  

1376136 Datasheet(PDF) 33 Page - Tyco Electronics

Part # 1376136
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1376136 Datasheet(HTML) 33 Page - Tyco Electronics

Back Button 1376136 Datasheet HTML 29Page - Tyco Electronics 1376136 Datasheet HTML 30Page - Tyco Electronics 1376136 Datasheet HTML 31Page - Tyco Electronics 1376136 Datasheet HTML 32Page - Tyco Electronics 1376136 Datasheet HTML 33Page - Tyco Electronics 1376136 Datasheet HTML 34Page - Tyco Electronics 1376136 Datasheet HTML 35Page - Tyco Electronics 1376136 Datasheet HTML 36Page - Tyco Electronics 1376136 Datasheet HTML 37Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
110
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Dyna-Tap Connectors (Wire-to-Panel and Wire-to-Wire) (Continued)
AMP Dynamic Series Connectors
D-3000 Series
D-3200 Series Dyna-Tap
24P (4P x 6 Row)
D-3200 4P common series
are lined up in six rows.
Issues about branching
maintenance and cost are
handled with connectors.
The Dynamic Series power
supply tap is known for its
superior contact reliability.
Compared to a terminal
block it is possible to
reduce installation and
maintenance costs. Also,
because the circuits are
electronically commoned,
circuit board and connector
do not need to be mounted.
This leads to reductions in
number of components and
man hours as well as an
overall decrease in costs.
Material and Finish
Receptacle Contact — Copper alloy,
plated gold or tin over nickel underplate
D-3 Contact — Copper alloy, plated
gold or tin over nickel underplate
Tab Post — Copper alloy, plated
0.38 µm gold or 2.0 µm tin over 1.3 µm
nickel underplate
Housing — Glass filled polyester
(PBT), UL 94V-0
Performance Characteristics*
Pitch — 200 mil (5.08 mm)
Voltage Rating — 600 VAC
Current Rating —
24-position: 10 A Max.
Contact Resistance — 10 m
Ω Max.
Dielectric Withstanding Voltage —
2,200 VAC (1 minute)
Operating Temperature —
-55°C ~ +105°C
*When connectors are used singly.
Related Product Data
D-3 Contact (Refer to page 101)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com