Electronic Components Datasheet Search
  English  ▼

X  

LM3411 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3411
Description  Precision Secondary Regulator/Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3411 Datasheet HTML 5Page - National Semiconductor (TI) LM3411 Datasheet HTML 6Page - National Semiconductor (TI) LM3411 Datasheet HTML 7Page - National Semiconductor (TI) LM3411 Datasheet HTML 8Page - National Semiconductor (TI) LM3411 Datasheet HTML 9Page - National Semiconductor (TI) LM3411 Datasheet HTML 10Page - National Semiconductor (TI) LM3411 Datasheet HTML 11Page - National Semiconductor (TI) LM3411 Datasheet HTML 12Page - National Semiconductor (TI) LM3411 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Applications Information (Continued)
The circuit in
Figure 8 shows a 3.3V low dropout regulator
using the LM3411-3.3 and several discrete components.
This circuit is capable of excellent performance with both the
dropout voltage and the ground pin current specifications im-
proved over the LM2941/LM3411 circuit.
The standard LM317 three terminal adjustable regulator cir-
cuit can greatly benefit by adding a LM3411. Performance is
increased and features are added. The circuit shown in
Fig-
ure 9 provides much improved line and load regulation,
lower temperature drift, and full remote output voltage sens-
ing on both the high and low side. In addition, a precise cur-
rent limit or constant current feature is simple to add.
Current limit protection in most IC regulators is mainly to pro-
tect the IC from gross over-current conditions which could
otherwise fuse bonding wires or blow IC metalization, there-
fore not much precision is needed for the actual current limit
values. Current limit tolerances can sometimes vary from
±10% to as high as +300% over manufacturing and tem-
perature variations. Often critical circuitry requires a much
tighter control over the amount of current the power supply
can deliver. For example, a power supply may be needed
that can deliver 100% of its design current, but can still limit
the maximum current to 110% to protect critical circuitry from
high current fault conditions.
The circuit in
Figure 9 can provide a current limit accuracy
that is better than ±4%, over all possible variations, in addi-
tion to having excellent line, load and temperature
specifications.
Like the positive regulators, the performance of negative ad-
justable regulators can also be improved by adding the
LM3411. Output voltages of either 3.3V or 5V at currents up
to 1.5A (3A when using a LM333) are possible. Adding two
resistors to the circuit in
Figure 10 adds the precision current
limit feature as shown in
Figure 11. Current limit tolerances
of ±4% over manufacturing and temperature variations are
possible with this circuit.
DS011987-19
FIGURE 7. Precision 5V 1A Low Dropout Regulator
DS011987-20
FIGURE 8. 3.3V 0.5A Low Dropout Regulator
DS011987-21
FIGURE 9. Precision Positive Voltage Regulator with Accurate Current Limit
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com