Electronic Components Datasheet Search
  English  ▼

X  

LM3411 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3411
Description  Precision Secondary Regulator/Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3411 Datasheet HTML 5Page - National Semiconductor (TI) LM3411 Datasheet HTML 6Page - National Semiconductor (TI) LM3411 Datasheet HTML 7Page - National Semiconductor (TI) LM3411 Datasheet HTML 8Page - National Semiconductor (TI) LM3411 Datasheet HTML 9Page - National Semiconductor (TI) LM3411 Datasheet HTML 10Page - National Semiconductor (TI) LM3411 Datasheet HTML 11Page - National Semiconductor (TI) LM3411 Datasheet HTML 12Page - National Semiconductor (TI) LM3411 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Applications Information (Continued)
A simple 5V supply monitor circuit is shown in
Figure 12. Us-
ing the LM3411’s voltage reference, op-amp (as a compara-
tor) and output driver, this circuit provides a LED indication of
the presence of the 5V supply.
The LM3411 initial room temperature tolerance is ±1% and
±0.5% for the “A” grade part. If a tighter tolerance is needed,
a trim scheme is shown in
Figure 13 that provides approxi-
mately ±1% adjustment range of the regulation voltage
(V
REG).
The LM3411 is guaranteed to drive a 15 mA load, but if more
current is needed, a NPN boost transistor can be added. The
circuit shown in
Figure 14 is a shunt regulator capable of pro-
viding excellent regulation over a very wide range of current.
Perhaps one of the simplest applications for the LM3411 is
the voltage detector circuit shown in
Figure 15 . The OUT pin
is low when the input voltage is less than V
REG. When the
V(IN) pin rises above V
REG, the OUT pin is pulled high by the
internal NPN output resistor.
Also an overvoltage detector, the crowbar circuit shown in
Figure 16 is normally located at the output of a power supply
to protect the load from an overvoltage condition should the
power supply fail with an input/output short.
DS011987-22
FIGURE 10. Precision Negative Voltage Regulator
DS011987-23
FIGURE 11. Precision Negative Voltage
Regulator with Accurate Current Limit
DS011987-24
FIGURE 12. 4.7V Power ON Detector with Hysteresis
DS011987-25
FIGURE 13. ±50 mV External Trim
DS011987-26
FIGURE 14. 250 mA Shunt Regulator
DS011987-27
FIGURE 15. Voltage Detector
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com