Electronic Components Datasheet Search
  English  ▼

X  

MLX71120 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX71120
Description  FSK/FM/ASK Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71120 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX71120 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MLX71120
300 to 930MHz
FSK/FM/ASK Receiver
39010 71120
Page 13 of 31
Data Sheet
Rev. 008
Jun/12
1.15 Data Output and Noise Cancellation Filter
The data output pin DTAO delivers the demodulated data signal which can be further processed by a noise
cancellation filter (NCF). The NCF can be disabled if pin CINT is connected to ground. In this case the
multiplexer (MUX) connects the receiver output DTAO directly to the data slicer output.
Fig. 8:
Data output and noise filter
The noise cancellation filter can suppress random pulses in the data output which are shorter than tmin.
RZ
NRZ
R
R
t
6
6
min
6
-
10
5
.
7
10
15
10
15
CF3
−
−
⋅
=
⋅
=
⋅
⋅
=
The NCF can also operate as a muting circuit.
So if the RF input signal is below sensitivity level (or if no
RF signal is applied) then the data output will go to a constant DC level (either HIGH or LOW). This can be
achieved by setting the bandwidth of the preceding data filter (sec 1.13) about 10 times higher than the
bandwidth of the NCF. Further the data filter cutoff frequency must be higher than the data rate, so the noise
pulses are shorter than the shortest data pulse. Otherwise, the NCF will not be able to distinguish between
noise and data pulses.
Having the NCF activated is a good means for reducing the computing power of the microcontroller that fol-
lows the receiver IC for further data processing.
In contrast to conventional muting (or squelch) circuits, this topology does not need the RSSI signal for level
indication. The filtering process is done by means of an analogue integrator. The cut-off frequency of the
NCF is set by the external capacitor connected to pin CINT. This capacitor CF3 should be set according to
the maximum data rate. Below table provides some recommendations..
During receiver start-up a sequencer checks if pin CINT is connected to a capacitor or to ground. The maxi-
mum value of CF3 should not exceed 12nF. This defines the lowest data rate that can be processed if the
noise cancellation filter is activated.
RRZ [kbit/s]
RNRZ [kbit/s]
CF3[nF]
0.6
1.2
12
1.2
2.4
6.8
1.6
3.2
4.7
2.4
4.8
3.3
3.3
6.6
2.2
4.8
9.6
1.5
6.0
12
1.2
In shutdown mode pin DTAO is set to Hi-Z state.
CF3
data slicer
output
CINT
NCF
noise cancellation filter
MUX
DTAO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com