Electronic Components Datasheet Search
  English  ▼

X  

MLX71120 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX71120
Description  FSK/FM/ASK Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71120 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX71120 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MLX71120
300 to 930MHz
FSK/FM/ASK Receiver
39010 71120
Page 21 of 31
Data Sheet
Rev. 008
Jun/12
4
Technical Data
4.1
Absolute Maximum Ratings
Operation beyond absolute maximum ratings may cause permanent damage of the device.
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
0
7
V
Input voltage
VIN
-0.3
VCC +0.3
V
Storage temperature
TSTG
-55
150
°C
Junction temperature
TJ
150
°C
Thermal Resistance
RthJA
22
K/W
Power dissipation
Pdiss
0.12
W
Electrostatic discharge
VESD
HBM according to MIL STD
833D, method 3015.7
±1
kV
4.2
Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
2.1
5.5
V
Operating temperature
TA
-40
125
°C
Input low voltage (CMOS)
VIL
ENRX, SEL pins
0.3*VCC
V
Input high voltage (CMOS)
VIH
ENRX, SEL pins
0.7*VCC
V
Input frequency range
fRF
RFSEL=0
300
470
MHz
RFSEL=1
610
930
First IF range
fIF1
RFSEL=0
100
170
MHz
RFSEL=1
200
310
Second IF range
fIF2
0.4
11
MHz
LO1 range (VCO frequency)
fLO1
fLO1 = 24*fREF
400
640
MHz
LO2 range
fLO2
RFSEL=0, fLO2 = fLO1 / 4
100
160
MHz
RFSEL=1, fLO2 = fLO1 / 2
200
320
XOSC frequency
fREF
set by the crystal
16
27
MHz
CLKO frequency
fCLK
fCLK = fREF / 8
2.0
3.375
MHz
FSK deviation
∆f
IFSEL=0
±2
±10
kHz
IFSEL=1
±10
±100
Data rate ASK
RASK
bi-phase code
50
kbps
NRZ
100
Data rate FSK
RFSK
bi-phase code, IFSEL=0
5
kbps
NRZ, IFSEL=0
10
bi-phase code, IFSEL=1
50
NRZ, IFSEL=1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com