Electronic Components Datasheet Search
  English  ▼

X  

333HD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 333HD
Description  5.0 MM ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

333HD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  333HD Datasheet HTML 1Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 2Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 3Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 4Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 5Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
333HD
█
Features :
●
Choice of various viewing angles
●
Available on tape and reel.
●
Reliable and robust
●
Pb free
█
Descriptions :
●
The series is specially designed for
applications requiring higher
brightness
●
The led lamps are available with
different colors, intensities,
█
Applications :
●
TV set
●
Monitor
●
Telephone
●
Computer
333HD
GaP
Bright Red
Red Diffused
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
4
Page: 1 of 6
Device Number :
CDLE-033-492
Prepared date:
2004/6/28
Prepared by:
Caixia wu
A0003021
Lens Color
PART NO.
Material
Emitted Color


Similar Part No. - 333HD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
333H04PP460R ETC1-333H04PP460R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H04PP481R ETC1-333H04PP481R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H04PP580R ETC1-333H04PP580R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H06PP460R ETC1-333H06PP460R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H06PP481R ETC1-333H06PP481R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
More results

Similar Description - 333HD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
204HD ETC-204HD Datasheet
98Kb / 6P
3.0 mm ROUND TYPE LED LAMPS
264-10YD ETC-264-10YD Datasheet
93Kb / 6P
3.0 MM ROUND TYPE LED LAMPS
1224VGC ETC-1224VGC Datasheet
98Kb / 6P
3.0 MM ROUND TYPE LED LAMPS
204GD ETC-204GD Datasheet
95Kb / 6P
3.0 MM ROUND TYPE LED LAMPS
523YD ETC-523YD Datasheet
102Kb / 6P
2.0*5.0 MM RECTANGLE TYPE LED LAMPS
333GD ETC-333GD Datasheet
92Kb / 4P
5.0 MM ROUND TYPE LED LAMPS
logo
Roithner LaserTechnik G...
380D15 ROITHNER-380D15 Datasheet
111Kb / 1P
UV-LED 5.0 mm round
380D30 ROITHNER-380D30 Datasheet
112Kb / 1P
UV-LED 5.0 mm round
logo
BetLux Electronics
BL-L189 BETLUX-BL-L189 Datasheet
244Kb / 4P
1.8 mm Round Tower Type LED Lamps
REV NO: V.2
logo
LIGITEK electronics co....
LDBK13743 LIGITEK-LDBK13743 Datasheet
1Mb / 5P
ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com