Electronic Components Datasheet Search
  English  ▼

X  

333HD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 333HD
Description  5.0 MM ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

333HD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  333HD Datasheet HTML 1Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 2Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 3Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 4Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 5Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
333HD
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
10
mA
1.5
2.0
2.4
V
IR
VR=5
V
//
10
μA
Iv
IF=
10
mA
1.0
2.0
/
mcd
2θ1/2
IF=10
mA
/
60
/
deg
λp
IF=10
mA
/
697
/
nm
λd
IF=10
mA
/
650
/
nm
△λ
IF=10
mA
/
90
/
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
4
Page: 3 of 6
Device Number :
CDLE-033-492
Prepared date:
2004/6/28
Prepared by:
Caixia wu
.
Dominant Wavelength
Spectrum Radiation
Bandwidth
Parameter
Condition
Forward Voltage
Reverse Current
Luminous Intensity
Viewing Angle
Peak Wavelength



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com