Electronic Components Datasheet Search
  English  ▼

X  

632P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 632P
Description  Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

632P Datasheet(HTML) 2 Page - Vishay Siliconix

  632P Datasheet HTML 1Page - Vishay Siliconix 632P Datasheet HTML 2Page - Vishay Siliconix 632P Datasheet HTML 3Page - Vishay Siliconix 632P Datasheet HTML 4Page - Vishay Siliconix 632P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 42028
Revision 04-Dec-03
www.vishay.com
84
Type 632P
Vishay Sprague
For technical questions, contact spresale@vishay.com
STANDARD RATINGS in inches [millimeters]
* These ratings are stocked.
** Part Numbers listed are for a capacitance tolerance of ± 10%. To specify ± 5% tolerance, change the "X9" in the Part Number to "X5";
for ± 2%, from "X9" to "X2".
CASE SIZE
50 WVDC
0.01*
0.012
0.015
0.018
0.02
0.022*
0.027
0.033*
0.039
0.047*
0.056
0.068
0.082
0.10*
0.12
0.15*
0.18
0.2
0.22*
0.27
0.33*
0.39
0.47*
0.50
0.56
0.68*
0.82
1.0*
1.2
1.5*
1.8
2.0*
2.2*
2.7
3.0
3.3
3.9
4.7*
5.0
5.6
6.0
6.8
8.0
10.0*
24
24
24
24
24
24
24
24
24
24
24
24
24
24
24
22
22
22
22
22
22
22
22
22
22
22
22
22
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
CAPACITANCE
(
µF)
PART NUMBER**
632P103X9050
632P123X9050
632P153X9050
632P183X9050
632P203X9050
632P223X9050
632P273X9050
632P333X9050
632P393X9050
632P473X9050
632P563X9050
632P683X9050
632P823X9050
632P104X9050
632P124X9050
632P154X9050
632P184X9050
632P204X9050
632P224X9050
632P274X9050
632P334X9050
632P394X9050
632P474X9050
632P504X9050
632P564X9050
632P684X9050
632P824X9050
632P105X9050
632P125X9050
632P155X9050
632P185X9050
632P205X9050
632P225X9050
632P275X9050
632P305X9050
632P335X9050
632P395X9050
632P475X9050
632P505X9050
632P565X9050
632P605X9050
632P685X9050
632P825X9050
632P106X9050
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.190 [4.83]
0.190 [4.83]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.250 [6.35]
0.250 [6.35]
0.310 [7.87]
0.310 [7.87]
0.310 [7.87]
0.310 [7.87]
0.270 [6.86]
0.310 [7.87]
0.350 [8.89]
0.350 [8.89]
0.370 [9.40]
0.400 [10.16]
0.400 [10.16]
0.400 [10.16]
0.400 [10.16]
0.400 [10.16]
0.400 [10.16]
0.450 [11.43]
0.500 [12.70]
0.550 [13.97]
0.550 [13.97]
0.600 [15.24]
0.550 [12.70]
0.600 [15.24]
D
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.440 [11.18]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.75]
1.250 [31.75]
1.250 [31.75]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.310 [33.27]
1.310 [33.27]
L
LEAD
AWG NO.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com