Electronic Components Datasheet Search
  English  ▼

X  

632P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 632P
Description  Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

632P Datasheet(HTML) 4 Page - Vishay Siliconix

  632P Datasheet HTML 1Page - Vishay Siliconix 632P Datasheet HTML 2Page - Vishay Siliconix 632P Datasheet HTML 3Page - Vishay Siliconix 632P Datasheet HTML 4Page - Vishay Siliconix 632P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 42028
Revision 04-Dec-03
www.vishay.com
86
Type 632P
Vishay Sprague
For technical questions, contact spresale@vishay.com
632P102X9400
632P122X9400
632P152X9400
632P182X9400
632P202X9400
632P222X9400
632P332X9400
632P392X9400
632P472X9400
632P502X9400
632P562X9400
632P682X9400
632P822X9400
632P103X9400
STANDARD RATINGS in inches [millimeters]
CASE SIZE
CAPACITANCE
(
µF)
PART NUMBER*
D
200 WVDC
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.250 [6.35]
0.270 [6.86]
0.270 [6.86]
0.310 [7.87]
0.310 [7.87]
0.270 [6.86]
0.310 [7.87]
0.310 [7.87]
0.350 [8.89]
0.350 [8.89]
0.350 [8.89]
0.370 [9.40]
0.400 [10.16]
0.400 [10.16]
0.400 [10.16]
0.450 [11.43]
0.450 [11.43]
0.500 [12.70]
0.550 [13.97]
0.500 [12.70]
0.500 [12.70]
0.500 [12.70]
0.550 [13.97]
0.550 [13.97]
0.650 [16.51]
0.700 [17.78]
0.700 [17.78]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.75]
1.250 [31.75]
1.810 [45.97]
1.810 [45.97]
1.810 [45.97]
1.560 [39.62]
1.560 [39.62]
1.810 [45.97]
1.810 [45.97]
2.060 [52.32]
2.060 [52.32]
L
LEAD
AWG NO.
24
24
24
24
24
24
22
22
22
22
22
22
22
22
22
22
22
22
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
632P103X9200
632P123X9200
632P153X9200
632P183X9200
632P203X9200
632P223X9200
632P273X9200
632P333X9200
632P393X9200
632P473X9200
632P503X9200
632P563X9200
632P683X9200
632P823X9200
632P104X9200
632P124X9200
632P154X9200
632P184X9200
632P204X9200
632P224X9200
632P274X9200
632P334X9200
632P394X9200
632P474X9200
632P504X9200
632P564X9200
632P684X9200
632P824X9200
632P105X9200
632P125X9200
632P155X9200
632P185X9200
632P205X9200
632P225X9200
632P275X9200
632P305X9200
632P335X9200
632P405X9200
632P475X9200
632P505X9200
0.01
0.012
0.015
0.018
0.02
0.022
0.027
0.033
0.039
0.047
0.05
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.20
0.22
0.27
0.33
0.39
0.47
0.50
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.0
2.2
2.7
3.0
3.3
4.0
4.7
5.0
* Part Numbers listed are for a capacitance tolerance of ± 10%. To specify ± 5% tolerance, change the "X9" in the Part Number to "X5";
for ± 2%, from "X9" to "X2".
400 WVDC
0.001
0.0012
0.0015
0.0018
0.002
0.0022
0.0033
0.0039
0.0047
0.005
0.0056
0.0068
0.0082
0.01
24
24
24
24
24
24
22
22
22
22
22
22
22
22
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com