Electronic Components Datasheet Search
  English  ▼

X  

4206K Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 4206K
Description  17- OUTPUT LED DRIVER/GPO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

4206K Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 4206K Datasheet HTML 9Page - Maxim Integrated Products 4206K Datasheet HTML 10Page - Maxim Integrated Products 4206K Datasheet HTML 11Page - Maxim Integrated Products 4206K Datasheet HTML 12Page - Maxim Integrated Products 4206K Datasheet HTML 13Page - Maxim Integrated Products 4206K Datasheet HTML 14Page - Maxim Integrated Products 4206K Datasheet HTML 15Page - Maxim Integrated Products 4206K Datasheet HTML 16Page - Maxim Integrated Products 4206K Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
17-
LED
/GPO
______________________________________________________________________________________
13
6.
0
REGISTER DATA
REGISTER
R/
W
ADDRESS
CODE
(hex)
D7
D6
D5
D4
D3
D2
D1
D0
Write outputs O7–O0 phase 0
0
Read back outputs O7–O0 phase 0
1
0x02
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Write outputs O15–O8 phase 0
0
Read back outputs O15–O8 phase 0
1
0x03
OP15
OP14
OP13
OP12
OP11
OP10
OP9
OP8
7.
1
REGISTER DATA
REGISTER
R/
W
ADDRESS
CODE
(hex)
D7
D6
D5
D4
D3
D2
D1
D0
Write outputs O7–O0 phase 1
0
Read back outputs O7–O0 phase 1
1
0x0A
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Write outputs O15–O8 phase 1
0
Read back outputs O15–O8 phase 1
1
0x0B
OP15
OP14
OP13
OP12
OP11
OP10
OP9
OP8
8. PWM
APPLICATION
RECOMMENDED CONFIGURATION
All outputs static without PWM
Set the master and global intensity register 0x0E to any value from 0x00 to 0x0F.
The global intensity G bit in the configuration register is don't care.
The output intensity registers 0x10 through 0x17 are don't care.
A mix of static and PWM outputs, with PWM
outputs using different PWM settings
Set the master and global intensity register 0x0E to any value from 0x10 to 0xFF.
Clear global intensity G bit to zero in the configuration register to disable global
intensity control.
For the static outputs, set the output intensity value to 0xF.
For the PWM outputs, set the output intensity value in the range 0x0 to 0xE.
A mix of static and PWM outputs, with PWM
outputs all using the same PWM setting
As above. Global intensity control cannot be used with a mix of static and PWM
outputs, so write the individual intensity registers with the same PWM value.
All outputs PWM using the same PWM
setting
Set the master and global intensity register 0x0E to any value from 0x10 to 0xFF.
Set global intensity G bit to 1 in the configuration register to enable global intensity
control.
The master and global intensity register 0x0E is the only intensity register used.
The output intensity registers 0x10 through 0x17 are don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com