Electronic Components Datasheet Search
  English  ▼

X  

4206K Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # 4206K
Description  17- OUTPUT LED DRIVER/GPO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

4206K Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button 4206K Datasheet HTML 15Page - Maxim Integrated Products 4206K Datasheet HTML 16Page - Maxim Integrated Products 4206K Datasheet HTML 17Page - Maxim Integrated Products 4206K Datasheet HTML 18Page - Maxim Integrated Products 4206K Datasheet HTML 19Page - Maxim Integrated Products 4206K Datasheet HTML 20Page - Maxim Integrated Products 4206K Datasheet HTML 21Page - Maxim Integrated Products 4206K Datasheet HTML 22Page - Maxim Integrated Products 4206K Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
17-
LED
/GPO
20
______________________________________________________________________________________
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
V+
SDA
SCL
BLINK
O0
ADO
RST
TOP VIEW
O15
O14
O13
O12
O4
O3
O2
O1
16
15
14
13
9
10
11
12
O11
O10
O9
O8
GND
O7
O6
O5
QSOP
MAX6964AEG
O16
____________________________
(
)
_________________________________
TRANSISTOR COUNT: 25,991
TECHNOLOGY: BiCMOS
12.
(
)
REGISTER DATA
REGISTER
ADDRESS
CODE
(hex)
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
OUTPUTS O9, O8 INTENSITY
R/
W
OUTPUT O9 INTENSITY
OUTPUT O8 INTENSITY
Write output O9, O8 intensity
0
Read back output O9, O8 intensity
1
0x14
O9I3
O9I2
O9I1
O9I0
O8I3
O8I2
O8I1
O8I0
MSB
LSB
MSB
LSB
OUTPUTS O11, O10 INTENSITY
OUTPUT O11 INTENSITY
OUTPUT O10 INTENSITY
Write output O11, O10 intensity
0
Read back output O11, O10 intensity
1
0x15
O11I3
O11I2
O11I1
O11I0
O10I3
O10I2
O10I1
O10I0
MSB
LSB
MSB
LSB
OUTPUTS O13, O12 INTENSITY
OUTPUT O13 INTENSITY
OUTPUT O12 INTENSITY
Write output O13, O12 intensity
0
Read back output O13, O12 intensity
1
0x16
O13I3
O13I2
O13I1
O13I0
O12I3
O12I2
O12I1
O12I0
MSB
LSB
MSB
LSB
OUTPUTS O15, O14 INTENSITY
OUTPUT O15 INTENSITY
OUTPUT O14 INTENSITY
Write output O15, O14 intensity
0
Read back output O15, O14 intensity
1
0x17
O15I3
O15I2
O15I1
O15I0
O14I3
O14I2
O14I1
O14I0
OUTPUT O16 INTENSITY
See master, 016 register (Table 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com