Electronic Components Datasheet Search
  English  ▼

X  

AD1812 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1812
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1812 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1812 Datasheet HTML 7Page - Analog Devices AD1812 Datasheet HTML 8Page - Analog Devices AD1812 Datasheet HTML 9Page - Analog Devices AD1812 Datasheet HTML 10Page - Analog Devices AD1812 Datasheet HTML 11Page - Analog Devices AD1812 Datasheet HTML 12Page - Analog Devices AD1812 Datasheet HTML 13Page - Analog Devices AD1812 Datasheet HTML 14Page - Analog Devices AD1812 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1812
REV. 0
–11–
Modem Interface Signals
Pin Name
P/TQFP
I/O
Description
MODEM_IRQ
38
I
Modem IRQ. The external modem asserts this pin HI to indicate a pending inter-
rupt. The AD1812 converts this signal to the appropriate interrupt in either Plug
and Play (LDN = 5) or Non-Plug and Play mode.
MODEM_EN
39
I
Modem Enable. When this pin is asserted (HI), the AD1812 enables the logical
device (LDN = 5) for an external modem chipset. Otherwise, LDN = 5 does not
exist. The state of this pin should not be altered after reset.
MODEM_SEL
118
O
Modem Select. This active LO pin is a chip select for an external modem chipset.
The AD1812 decodes the (Plug & Play or Non-Plug and Play) configured ISA
bus address. AEN must be LO before asserting the MODEM_SEL pin.
Game Port
Pin Name
P/TQFP
I/O
Description
A_1
41
I
Game Port A, Button #1.
A_2
42
I
Game Port A, Button #2.
A_X
46
I
Game Port A X-Axis.
A_Y
47
I
Game Port A Y-Axis.
B_1
43
I
Game Port B, Button #1.
B_2
44
I
Game Port B, Button #2.
B_X
48
I
Game Port B X-Axis.
B_Y
49
I
Game Port B Y-Axis.
MIDI Interface Signals
Pin Name
P/TQFP
I/O
Description
MIDI_IN
31
I
RXD MIDI Input.
MIDI_OUT
96
O
TXD MIDI Output.
Miscellaneous
Pin Name
P/TQFP
I/O
Description
PNP
37
I
Plug and Play Select. When this pin is asserted (HI), the Plug and Play
mode is enabled. If PnP is LO, the AD1812 operates in legacy mode, and
the Plug and Play configuration is disabled.
XTALO
30
O
14.31818 MHz Crystal Output.
XTALI
29
I
14.31818 MHz Clock Input, can be OSC from the ISA bus.
PWRDWN
36
I
Power Down Signal. Active LO.
VREF_X
60
O
Voltage Reference.
VREF
59
I
Voltage Reference Filter.
L_FILT
54
I
Left Channel Filter Input.
R_FILT
53
I
Right Channel Filter Input.
XCTL0
95
O
External Control 0. The state of this pin (TTL HI or LO) is reflected in
codec indexed register 0x0A, Bit 6.
XCTL1
159
O
External Control 1. The state of this pin (TTL HI or LO) is reflected in
codec indexed register 0x0A, Bit 7.
GVC
40
I
Game Port Voltage Capacitor.
NC
1–4, 81, 120–125,
No Connect.
156–158, 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com