Electronic Components Datasheet Search
  English  ▼

X  

AD1812 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1812
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1812 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1812 Datasheet HTML 8Page - Analog Devices AD1812 Datasheet HTML 9Page - Analog Devices AD1812 Datasheet HTML 10Page - Analog Devices AD1812 Datasheet HTML 11Page - Analog Devices AD1812 Datasheet HTML 12Page - Analog Devices AD1812 Datasheet HTML 13Page - Analog Devices AD1812 Datasheet HTML 14Page - Analog Devices AD1812 Datasheet HTML 15Page - Analog Devices AD1812 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD1812
REV. 0
–12–
Power Supplies
Pin Name
P/TQFP
I/O
Description
VCC
51, 61, 72
I
Analog Supply Voltage (+5 V).
GNDA
52, 62, 74
I
Analog Ground.
VDD
6, 17, 28, 91,
I
Digital Supply Voltage (+5 V).
94, 104, 107,
116, 126, 132,
135, 140, 146,
149, 154
GNDD
5, 16, 27, 34, 82,
I
Digital Ground.
83, 86, 92, 93,
105, 106, 117,
127, 133, 134,
141, 147, 148,
155
ADVDD
80
I
Analog/Digital Supply Voltage. Connect to +5 VCC.
ADGND
79
I
Analog/Digital Ground. Connect to analog ground plane.
VDDG
50
I
Game Port Digital Voltage Supply. Connect to +5 VDD.
GNDG
45
I
Game Port Digital Ground. Connect to the digital ground plane.
(continued from Page 1)
HOST PC INTERFACE
All necessary ISA bus interface logic is completely contained on-
chip. This includes address decoding for all onboard resources,
control and signal interpretation, DMA selection and control
logic, IRQ selection and control logic, and all interface configu-
ration logic (see Table IV).
The AD1812 supports a DMA request/grant architecture for
transferring data with the ISA bus. One, two, or three DMA
channels can be supported. Programmed I/O (PIO) mode is
also supported for control register accesses and for applications
lacking DMA control. The AD1812 includes dual DMA count
registers for full-duplex operation enabling simultaneous capture
and playback on separate DMA channels.
The AD1812 is fully configurable according to the Plug and
Play ISA specification. In a non-Plug and Play environment, the
built in Plug and Play protocol can be disabled. When Plug and
Play is disabled, the AD1812 operates under a fixed address
space.
Table IV. Emulated Logical Devices
Logical
PnP
Device
Emulated
Compatible
Number
Device
Device
0
Windows Sound System
—
1
Sound Blaster Pro v. 2.01
PNPB002
2
OPL3 Music Synthesizer
PNPB020
3
MIDI MPU-401 Port
PNPB006
4
Game/Joystick Port
PNPB02F
5*
Modem
PNP0501
*If MODEM_EN is asserted.
WSS COMPATIBLE CODEC
The AD1812 contains the AD1845 SoundPort Stereo Codec for
business audio support and multimedia applications. The codec
includes stereo audio converters, complete on-chip filtering,
MPC Level-2 compliant analog mixing, programmable gain and
attenuation, a variable sample frequency generator, and FIFOs
buffering the ISA bus.
The codec includes a stereo pair of
∑∆ analog-to-digital con-
verters and a stereo pair of
∑∆ digital-to-analog converters. In-
puts to the ADC can be selected from four stereo pairs of analog
signals: line (LINE), microphone (MIC), auxiliary line #1
(AUX1), and post-mixed DAC output. In addition, an analog
mixer allows a mono input (MONO_IN), MIC, AUX1, LINE
and auxiliary line #2 (AUX2) to be mixed with the DACs’ out-
put. A software-controlled programmable gain stage allows in-
dependent gain for each channel going into the ADC. The
ADCs’ output can be digitally mixed with the DACs’ input.
The pair of 16-bit outputs from the ADCs are available over a
16-bit bidirectional interface that also supports 16-bit digital in-
put to the DACs and control information. The codec can accept
and generate 16-bit twos-complement PCM linear (big endian
or little endian) digital data, 4-bit IMA-ADPCM compatible
digital data, 8-bit unsigned magnitude PCM linear data, and
8-bit
µ-law or A-law companded digital data.
The AD1812 includes a variable sample frequency generator,
which allows the codec to instantaneously change sample rates
from 5.5 kHz to 50 kHz with a resolution of 1 Hz. This is a su-
perb way to create special audio effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com