Electronic Components Datasheet Search
  English  ▼

X  

LM3478 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3478
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3478 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3478 Datasheet HTML 1Page - National Semiconductor (TI) LM3478 Datasheet HTML 2Page - National Semiconductor (TI) LM3478 Datasheet HTML 3Page - National Semiconductor (TI) LM3478 Datasheet HTML 4Page - National Semiconductor (TI) LM3478 Datasheet HTML 5Page - National Semiconductor (TI) LM3478 Datasheet HTML 6Page - National Semiconductor (TI) LM3478 Datasheet HTML 7Page - National Semiconductor (TI) LM3478 Datasheet HTML 8Page - National Semiconductor (TI) LM3478 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: All limits are guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level (AOQL).
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
Note 5: The FA/SD pin should be pulled to VIN through a resistor to turn the regulator off. The voltage on the FA/SD pin must be above the maximum limit for Output
= High to keep the regulator off and must be below the limit for Output = Low to keep the regulator on.
Note 6: The voltage on the drive pin, VDR is equal to the input voltage when input voltage is less than 7.2V. VDR is equal to 7.2V when the input voltage is greater
than or equal to 7.2V.
Note 7: The limits for the maximum duty cycle can not be specified since the part does not permit less than 100% maximum duty cycle operation.
Note 8: The over-voltage protection is specified with respect to the feedback voltage. This is because the over-voltage protection tracks the feedback voltage. The
overvoltage protection threshold is given by adding the feedback voltage, VFB to the over-voltage protection specification.
Note 9: For this test, the FA/SD pin is pulled to ground using a 40K resistor.
Note 10: For this test, the FA/SD pin is pulled to 5V using a 40K resistor.
Typical Performance Characteristics Unless otherwise specified, V
IN = 12V, TJ = 25˚C.
I
Q vs Input Voltage (Shutdown)
I
Supply vs Input Voltage (Non-Switching)
10135503
10135534
I
Supply vs VIN (Switching)
Switching Frequency vs R
FA
10135535
10135504
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com