Electronic Components Datasheet Search
  English  ▼

X  

LM3478 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3478
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3478 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM3478 Datasheet HTML 13Page - National Semiconductor (TI) LM3478 Datasheet HTML 14Page - National Semiconductor (TI) LM3478 Datasheet HTML 15Page - National Semiconductor (TI) LM3478 Datasheet HTML 16Page - National Semiconductor (TI) LM3478 Datasheet HTML 17Page - National Semiconductor (TI) LM3478 Datasheet HTML 18Page - National Semiconductor (TI) LM3478 Datasheet HTML 19Page - National Semiconductor (TI) LM3478 Datasheet HTML 20Page - National Semiconductor (TI) LM3478 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Designing SEPIC Using LM3478
(Continued)
Peak current in the inductor, to ensure the inductor does not
saturate:
I
L1PK must be lower than the maximum current rating set by
the current sense resistor.
The value of L1 can be increased above the minimum rec-
ommended to reduce input ripple and output ripple. How-
ever, once D
IL1 is less than 20% of IL1AVE, the benefit to
output ripple is minimal.
By increasing the value of L2 above the minimum recom-
mended,
∆
IL2 can be reduced, which in turn will reduce the
output ripple voltage:
where ESR is the effective series resistance of the output
capacitor.
If L1 and L2 are wound on the same core, then L1 = L2 = L.
All the equations above will hold true if the inductance is
replaced by 2L. A good choice for transformer with equal
turns is Coiltronics CTX series Octopack.
SENSE RESISTOR SELECTION
The peak current through the switch, I
SW(PEAK) can be ad-
justed using the current sense resistor, R
SEN, to provide a
certain output current. Resistor R
SEN can be selected using
the formula:
Sepic Capacitor Selection
The selection of SEPIC capacitor, CS, depends on the rms
current. The rms current of the SEPIC capacitor is given by:
The SEPIC capacitor must be rated for a large ACrms cur-
rent relative to the output power. This property makes the
SEPIC much better suited to lower power applications where
the rms current through the capacitor is relatively small
(relative to capacitor technology). The voltage rating of the
SEPIC capacitor must be greater than the maximum input
voltage. Tantalum capacitors are the best choice for SMT,
having high rms current ratings relative to size. Ceramic
capacitors could be used, but the low C values will tend to
cause larger changes in voltage across the capacitor due to
the large currents. High C value ceramics are expensive.
Electrolytics work well for through hole applications where
the size required to meet the rms current rating can be
accommodated. There is an energy balance between CS
and L1, which can be used to determine the value of the
capacitor. The basic energy balance equation is:
Where
is the ripple voltage across the SEPIC capacitor, and
is the ripple current through the inductor L1. The energy
balance equation can be solved to provide a minimum value
for C
S:
Input Capacitor Selection
Similar to a boost converter, the SEPIC has an inductor at
the input. Hence, the input current waveform is continuous
and triangular. The inductor ensures that the input capacitor
sees fairly low ripple currents. However, as the input capaci-
tor gets smaller, the input ripple goes up. The rms current in
the input capacitor is given by:
The input capacitor should be capable of handling the rms
current. Although the input capacitor is not as critical in a
boost application, low values can cause impedance interac-
tions. Therefore a good quality capacitor should be chosen
in the range of 100µF to 200µF. If a value lower than 100µF
is used than problems with impedance interactions or
switching noise can affect the LM3478. To improve perfor-
mance, especially with V
IN below 8 volts, it is recommended
to use a 20
Ω resistor at the input to provide a RC filter. The
resistor is placed in series with the V
IN pin with only a bypass
capacitor attached to the V
IN pin directly (see Figure 11). A
0.1µF or 1µF ceramic capacitor is necessary in this configu-
ration. The bulk input capacitor and inductor will connect on
the other side of the resistor with the input power supply.
Output Capacitor Selection
The ESR and ESL of the output capacitor directly control the
output ripple. Use low capacitors with low ESR and ESL at
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com