Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC175AMDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC175AMDREP
Description  Quadruple RS-485 Differential Line Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC175AMDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LBC175AMDREP Datasheet HTML 3Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 4Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 9Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 10Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
0
10
20
30
40
50
60
1
10
100
VCC = 5 V, No Load
VCC = 4.75 V, CL = 15 pF
VCC = 5 V, CL = 15 pF
VCC = 5.25 V, CL = 15 pF
Signaling Rate (All Four Channels) − Mbps
Operating Junction Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
11
11.5
12
12.5
13
13.5
14
D005
TPHL
TPLH
−600
−400
−200
0
200
400
600
800
−10
−5
0
5
10
15
VCC = 0 V
VCC = 5 V
Bus Input Voltage − V
0
1
2
3
4
5
6
−150
−100
−50
0
50
VIC = −7 V
VIC = 0 V
VIC = 12 V
VIC = −7 V
VIC = 0 V
VIC = 12 V
Differential Input Voltage − mV
7
SN65LBC175A-EP
www.ti.com
SLLSEU5 – DECEMBER 2016
Product Folder Links: SN65LBC175A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 2. Bus Input Current vs Bus Input Voltage
VCC = 5 V
TA = 25°C
Figure 3. Output Voltage vs Differential Input Voltage
Figure 4. Supply Current vs Signaling Rate (All Four
Channels)
Figure 5. Propagation Delay Time vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com