Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC175AMDREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC175AMDREP
Description  Quadruple RS-485 Differential Line Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC175AMDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65LBC175AMDREP Datasheet HTML 10Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 11Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 12Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 13Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 14Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 15Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 16Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 17Page - Texas Instruments SN65LBC175AMDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
VCC
0.1 F
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Reduce logic signal trace
when possible
4B
4A
4Y
3,4EN
3Y
3A
3B
2B
2A
2Y
1,2EN
1Y
1A
1B
Termination Resistor
14
SN65LBC175A-EP
SLLSEU5 – DECEMBER 2016
www.ti.com
Product Folder Links: SN65LBC175A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Power Supply Recommendations
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies.
11 Layout
11.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices including:
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole, as well as the
operational amplifier. Bypass capacitors are used to reduce the coupled noise by providing low-impedance
power sources local to the analog circuitry.
•
Connect low-ESR, 0.1-μF ceramic bypass capacitors between each supply pin and ground, placed as close to
the device as possible.
•
Place termination resistor as close as possible to the input pins (if end point node).
•
Keep trace lengths from input pins to bus as short as possible to reduce stub lengths and reflections on any
nodes that are not end points of bus.
•
To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
it is not possible to keep them separate, it is much better to cross the sensitive trace perpendicular as
opposed to in parallel with the noisy trace.
11.2 Layout Example
Figure 14. Layout with PCB Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com