Electronic Components Datasheet Search
  English  ▼

X  

AM29LV160M Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29LV160M
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160M Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29LV160M Datasheet HTML 35Page - Advanced Micro Devices AM29LV160M Datasheet HTML 36Page - Advanced Micro Devices AM29LV160M Datasheet HTML 37Page - Advanced Micro Devices AM29LV160M Datasheet HTML 38Page - Advanced Micro Devices AM29LV160M Datasheet HTML 39Page - Advanced Micro Devices AM29LV160M Datasheet HTML 40Page - Advanced Micro Devices AM29LV160M Datasheet HTML 41Page - Advanced Micro Devices AM29LV160M Datasheet HTML 42Page - Advanced Micro Devices AM29LV160M Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
August 11, 2003 25974B0
Am29LV160M
37
Prelimin ary
change a “0” back to a “1.” Under this condition, the device halts the opera-
tion, and when the operation has exceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must issue the reset command to return
the device to reading array data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to de-
termine whether or not an erase operation has begun. (The sector erase timer
does not apply to the chip erase command.) If additional sectors are selected for
erasure, the entire time-out also applies after each additional sector erase com-
mand. When the time-out is complete, DQ3 switches from “0” to “1.” The system
may ignore DQ3 if the system can guarantee that the time between additional
sector erase commands will always be less than 50 µs. See also the “Sector
Erase Command Sequence” section.
After the sector erase command sequence is written, the system should read the
status on DQ7 (Data# Polling) or DQ6 (Toggle Bit I) to ensure the device has ac-
cepted the command sequence, and then read DQ3. If DQ3 is “1”, the internally
controlled erase cycle has begun; all further commands (other than Erase Sus-
pend) are ignored until the erase operation is complete. If DQ3 is “0”, the device
will accept additional sector erase commands. To ensure the command has been
accepted, the system software should check the status of DQ3 prior to and fol-
lowing each subsequent sector erase command. If DQ3 is high on the second
status check, the last command might not have been accepted. Table 12 shows
the outputs for DQ3.
Table 12. Write Operation Status
Notes:
1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing
limits. See “DQ5: Exceeded Timing Limits” for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further
details.
Operation
DQ7
(Note
2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Program
Suspend
Mode
Program-
Suspend Read
Program-
Suspended Sector
Invalid (not allowed)
1
Non-Program
Suspended Sector
Data
1
Erase
Suspend
Mode
Reading within Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
1
Reading within Non-Erase Suspended
Sector
Data
Data
Data
Data
Data
1
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com