Electronic Components Datasheet Search
  English  ▼

X  

AM29LV160M Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29LV160M
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160M Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29LV160M Datasheet HTML 13Page - Advanced Micro Devices AM29LV160M Datasheet HTML 14Page - Advanced Micro Devices AM29LV160M Datasheet HTML 15Page - Advanced Micro Devices AM29LV160M Datasheet HTML 16Page - Advanced Micro Devices AM29LV160M Datasheet HTML 17Page - Advanced Micro Devices AM29LV160M Datasheet HTML 18Page - Advanced Micro Devices AM29LV160M Datasheet HTML 19Page - Advanced Micro Devices AM29LV160M Datasheet HTML 20Page - Advanced Micro Devices AM29LV160M Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
August 11, 2003 25974B0
Am29LV160M
15
Prelimin ary
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector
protection verification, through identifier codes output on DQ7–DQ0. This mode
is primarily intended for programming equipment to automatically match a device
to be programmed with its corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID (11.5 V
to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in
Table 4. In addition, when verifying sector protection, the sector address must
appear on the appropriate highest order address bits (see Tables 2 and 3). Table
4 shows the remaining address bits that are don’t care. When all necessary bits
have been set as required, the programming equipment may then read the cor-
responding identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host system can issue the autose-
lect command via the command register, as shown in Tables 10–11. This method
does not require VID. See “Command Definitions” for details on using the autose-
lect mode.
Table 4. Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences. See Tables 10–11.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase opera-
tions in any sector. The hardware sector unprotection feature re-enables both
program and erase operations in previously protected sectors.
The device is normally shipped with all sectors unprotected. However, the Ex-
pressFlash™ Service offers the option of programming and protecting sectors at
the factory prior to shipping the device. Contact a sales office or representative
for details.
It is possible to determine whether a sector is protected or unprotected. See “Au-
toselect Mode” for details.
Sector protection and unprotection requires VID on the RESET# pin only, and can
be implemented either in-system or via programming equipment. Figure 2 shows
Description
Mode CE# OE# WE#
A19
to
A12
A11
to
A10 A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID
L
L
H
X
X
VID
X
L
X
L
L
X
01h (AMD)
Device ID:
Am29LV160M
(Top Boot Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
C4h
Byte
L
L
H
X
C4h
Device ID:
Am29LV160M
(Bottom Boot
Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
49h
Byte
L
L
H
X
49h
Sector Protection
Verification
L
L
H
SA
X
VID
X
L
X
H
L
X
01h
(protected)
X
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com