Electronic Components Datasheet Search
  English  ▼

X  

AO4606 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4606
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4606 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4606 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AO460
6
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-1.2
-2
-2.4
V
ID(ON)
30
A
28
35
TJ=125°C
37
45
44
58
m
Ω
gFS
13
S
VSD
-0.76
-1
V
IS
-4.2
A
Ciss
920
pF
Coss
190
pF
Crss
122
pF
Rg
3.6
Ω
Qg(10V)
18.5
nC
Qg(4.5V)
9.6
nC
Qgs
2.7
nC
Qgd
4.5
nC
tD(on)
7.7
ns
tr
5.7
ns
tD(off)
20.2
ns
tf
9.5
ns
trr
20
ns
Qrr
8.8
nC
P-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
µA
Gate-Body leakage current
VDS=0V, VGS=±20V
Gate Threshold Voltage
VDS=VGS ID=-250µA
On state drain current
VGS=-10V, VDS=-5V
VGS=-10V, ID=-6A
m
Ω
VGS=-4.5V, ID=-5A
VDS=-5V, ID=-6A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IS=-1A,VGS=0V
Maximum Body-Diode Continuous Current
Output Capacitance
Reverse Transfer Capacitance
Gate resistance
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=-15V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge (4.5V)
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Total Gate Charge (10V)
VGS=-10V, VDS=-15V, ID=-6A
Turn-On DelayTime
VGS=-10V, VDS=-15V, RL=2.7Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=-6A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=-6A, dI/dt=100A/µs
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com