Electronic Components Datasheet Search
  English  ▼

X  

AP1115AV35 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1115AV35
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1115AV35 Datasheet(HTML) 1 Page - Anachip Corp

  AP1115AV35 Datasheet HTML 1Page - Anachip Corp AP1115AV35 Datasheet HTML 2Page - Anachip Corp AP1115AV35 Datasheet HTML 3Page - Anachip Corp AP1115AV35 Datasheet HTML 4Page - Anachip Corp AP1115AV35 Datasheet HTML 5Page - Anachip Corp AP1115AV35 Datasheet HTML 6Page - Anachip Corp AP1115AV35 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Aug.27, 2004
1/7
Features
•
1.3V maximum dropout at full load current
•
Fast transient response
•
Output current limiting
•
Built-in thermal shutdown
•
Packages: SOT89, TO92
•
Good noise rejection
•
3-Terminal Adjustable or Fixed 1.5V / 1.8V / 2.5V
/ 2.8V / 3.0V / 3.3V / 3.5V / 5.0V
Applications
•
PC peripheral
•
Communication
General Description
AP1115 is a low dropout positive adjustable or
fixed-mode regulator with minimum of 0.6A output
current capability. The product is specifically
designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus
termination and low current 3.3V logic supply.
AP1115 is also well suited for other applications
such as VGA cards. AP1115 is guaranteed to have
<1.3V dropout at full load current making it ideal to
provide well regulated outputs of 1.25V to 5V with
up to 18V input supply.
Connection Diagram (Top View)
Adj (GND)
AP1115B-3 PIN SOT89
Vout
Vin
Tab is Pin2
Adj (GND)
AP1115A-3 PIN SOT89
Vout
Vin
Tab is Pin2
1
2
3
1
2
3
AP1115A-3 PIN TO92
1 Vin
2 GND
3 Vout
AP1115B-3 PIN TO92
1 GND
2 Vin
3 Vout
Pin Descriptions
NAME
I/O
FUNCTION
Adj
(GND)
I
A resistor divider from this pin to the Vout pin and ground sets the output voltage.
(Ground only for Fixed-Mode)
Vout
O
The output of the regulator. A minimum of 10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω)
must be connected from this pin to ground to insure stability.
Vin
I
The input pin of regulator. Typically a large storage capacitor (0.15Ω ≤ ESR ≤
20Ω) is connected from this pin to ground to insure that the input voltage does not
sag below the minimum dropout voltage during the load transient response. This
pin must always be 1.3V higher than Vout in order for the device to regulate
properly.


Similar Part No. - AP1115AV35

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115A15L-13 DIODES-AP1115A15L-13 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115A18L-13 DIODES-AP1115A18L-13 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115A25L-13 DIODES-AP1115A25L-13 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115A28L-13 DIODES-AP1115A28L-13 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115A30L-13 DIODES-AP1115A30L-13 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
More results

Similar Description - AP1115AV35

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115_12 Datasheet
217Kb / 8P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 11
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 11
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 11
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com