Electronic Components Datasheet Search
  English  ▼

X  

AP1115AV35 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1115AV35
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1115AV35 Datasheet(HTML) 3 Page - Anachip Corp

  AP1115AV35 Datasheet HTML 1Page - Anachip Corp AP1115AV35 Datasheet HTML 2Page - Anachip Corp AP1115AV35 Datasheet HTML 3Page - Anachip Corp AP1115AV35 Datasheet HTML 4Page - Anachip Corp AP1115AV35 Datasheet HTML 5Page - Anachip Corp AP1115AV35 Datasheet HTML 6Page - Anachip Corp AP1115AV35 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Aug.27, 2004
3/7
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 18 V
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
AP1115-ADJ
TJ=25
oC,(V
IN-OUT)=1.5V
IO=10mA
1.225
1.250
1.275
V
AP1115-1.5
IOUT = 10mA, TJ = 25
oC,
3V≦VIN≦12V
1.470
1.500
1.530
V
AP1115-1.8
IOUT = 10mA, TJ = 25
oC,
3.3V≦VIN≦12V
1.764
1.800
1.836
V
AP1115-2.5
IOUT = 10mA, TJ = 25
oC,
4V≦VIN≦12V
2.450
2.500
2.550
V
AP1115-2.8
IOUT = 10mA, TJ = 25
oC,
4.3V≦VIN≦12V
2.744
2.800
2.856
V
AP1115-3.0
IOUT = 10mA, TJ = 25
oC,
4.5V≦VIN≦12V
2.940
3.000
3.060
V
AP1115-3.3
IOUT = 10mA, TJ = 25
oC,
4.8V≦VIN≦12V
3.235
3.300
3.365
V
AP1115-3.5
IOUT = 10mA, TJ = 25
oC,
5V≦VIN≦12V
3.430
3.500
3.570
V
Output Voltage
AP1115-5.0
IOUT = 10mA, TJ = 25
oC,
6.5V≦VIN≦12V
4.900
5.000
5.100
V
Line Regulation
AP1115-XXX
IO=10mA,VOUT+1.5V<VIN<15V,
TJ=25
oC
-
-
0.2
%
AP1115-ADJ
VIN=3.3V,Vadj=0,0mA<Io<0.6A,
TJ=25
oC (Note 1,2)
-
-
1
%
AP1115-1.5
VIN=3V, 0mA<Io<0.6A,
TJ=25
oC (Note 1,2)
-
12
15
mV
AP1115-1.8
VIN=3.3V, 0mA<Io<0.6A,
TJ=25
oC (Note 1,2)
-
15
18
mV
AP1115-2.5
VIN=4V, 0mA<Io<0.6A,
TJ=25
oC (Note 1,2)
-
20
25
mV
AP1115-2.8
VIN=4.3V, 0mA<Io<0.6A,
TJ=25
oC (Note 1,2)
-
22
28
mV
AP1115-3.0
VIN =5V, 0≦IOUT≦0.6A,
TJ=25
oC (Note 1,2)
-
23
30
mV
AP1115-3.3
VIN =5V, 0≦IOUT≦0.6A,
TJ=25
oC (Note 1,2)
-
26
33
mV
AP1115-3.5
VIN =5V, 0≦IOUT≦0.6A,
TJ=25
oC (Note 1,2)
-
28
35
mV
Load Regulation
AP1115-5.0
VIN =8V, 0≦IOUT≦0.6A,
TJ=25
oC (Note 1,2)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
AP1115-ADJ/1.5/1.8
2.5/2.8/3.0/3.3/3.5/5.0
IOUT = 0.6A, ∆VOUT=0.1%VOUT
-
1.1
1.3
V
Current Limit
AP1115-ADJ/1.5/1.8
2.5/2.8/3.0/3.3/3.5/5.0
(VIN-VOUT) = 5V
0.7
-
-
A
Minimum Load Current
AP1115-XXX
0
oC≦Tj≦125oC
-
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
-
0.008
0.04
%/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com