Electronic Components Datasheet Search
  English  ▼

X  

AT89LS52-16PC Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 20Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 21Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 22Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 23Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 24Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 25Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 26Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 27Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
AT89LS52
2601A–12/01
Programming Interface – Parallel Mode
Every code byte in the Flash array can be programmed by using the appropriate combination of control signals. The write
operation cycle is self-timed and once initiated, will automatically time itself to completion.
All major programming vendors offer worldwide support for the Atmel microcontroller series. Please contact your local pro-
gramming vendor for the appropriate software revision.
Notes:
1. Each PROG pulse is 200 ns - 500 ns for Chip Erase.
2. Each PROG pulse is 200 ns - 500 ns for Write Code Data.
3. Each PROG pulse is 200 ns - 500 ns for Write Lock Bits.
4. RDY/BSY signal is output on P3.0 during programming.
5. X = don’t care.
Table 10. Flash Programming Modes
Mode
V
CC
RST
PSEN
ALE/
PROG
EA/
V
PP
P2.6
P2.7
P3.3
P3.6
P3.7
P0.7-0
Data
P2.4-0
P1.7-0
Address
Write Code Data
5V
H
L
(2)
12V
L
HHHH
D
IN
A12-8
A7-0
Read Code Data
5V
H
L
H
H
L
L
L
H
H
DOUT
A12-8
A7-0
Write Lock Bit 1
5V
H
L
(3)
12V
HHHHH
X
X
X
Write Lock Bit 2
5V
H
L
(3)
12V
H
H
H
L
L
X
X
X
Write Lock Bit 3
5V
H
L
(3)
12V
H
L
H
H
L
X
X
X
Read Lock Bits
1, 2, 3
5V
H
L
H
H
H
H
L
H
L
P0.2,
P0.3,
P0.4
XX
Chip Erase
5V
H
L
(1)
12V
H
L
H
L
L
X
X
X
Read Atmel ID
5V
H
L
H
H
LLLLL
1EH
X 0000
00H
Read Device ID
5V
H
L
H
H
LLLLL
62H
X 0001
00H
Read Device ID
5V
H
L
H
H
LLLLL
06H
X 0010
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com