Electronic Components Datasheet Search
  English  ▼

X  

AT89LS52-16PC Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 28Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 29Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 30Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 31Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 32Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 33Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 34Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 35Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
32
AT89LS52
2601A–12/01
External Program Memory Read Cycle
External Data Memory Read Cycle
t
LHLL
t
LLIV
t
PLIV
t
LLAX
t
PXIZ
t
PLPH
t
PLAZ
t
PXAV
t
AVLL
t
LLPL
t
AVIV
t
PXIX
ALE
PSEN
PORT 0
PORT 2
A8 - A15
A0 - A7
A0 - A7
A8 - A15
INSTR IN
t
LHLL
t
LLDV
t
LLWL
t
LLAX
t
WHLH
t
AVLL
t
RLRH
t
AVDV
t
AVWL
t
RLAZ
t
RHDX
t
RLDV
t
RHDZ
A0 - A7 FROM RI OR DPL
ALE
PSEN
RD
PORT 0
PORT 2
P2.0 - P2.7 OR A8 - A15 FROM DPH
A0 - A7 FROM PCL
A8 - A15 FROM PCH
DATA IN
INSTR IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com