Electronic Components Datasheet Search
  English  ▼

X  

SEC1110 Datasheet(PDF) 21 Page - Microchip Technology

Part # SEC1110
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1110 Datasheet(HTML) 21 Page - Microchip Technology

Back Button SEC1110 Datasheet HTML 17Page - Microchip Technology SEC1110 Datasheet HTML 18Page - Microchip Technology SEC1110 Datasheet HTML 19Page - Microchip Technology SEC1110 Datasheet HTML 20Page - Microchip Technology SEC1110 Datasheet HTML 21Page - Microchip Technology SEC1110 Datasheet HTML 22Page - Microchip Technology SEC1110 Datasheet HTML 23Page - Microchip Technology SEC1110 Datasheet HTML 24Page - Microchip Technology SEC1110 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 21
SEC1110/SEC1210
7.1.1
EC DATA MEMORY
The EC has 1.5 KB data memory that is accessed through the XDATA Bus which is implemented with static RAM and
organized as 1.5 K x 8 bits. The base address of the memory is 8000h in the EC address space and extends to location
85FFh.
7.1.2
EC OTP INSTRUCTION MEMORY
The primary instruction memory for the EC is a 16 Kx 8 bit OTP ROM memory, located at locations 0000h through 3FFFh
in the EC address space. There is also a 4 K x 8 bit ROM that is used to overlay the OTP memory when it has not been
programmed. A bit in the OTP disables the ROM overlay. The OTP memory is also mapped into the XDATA space when
the overlay is active so that the CPU can program the OTP from the USB bus.
7.2
EC Registers
The truth table indicates which memory is mapped into the 8051 CODE space depending on the three signals ROM_EN,
defined in the OTP_CFG Register. OTP_ROM_EN, and the EXT_SPI_EN (BOND2 bond option).
7.3
EC Memory Map
TABLE 7-1:
CODE EXECUTION TRUTH TABLE
OTP_CFG.FORCE_OTP_ROM
OTP_CFG.OTP_ROM_EN
EXT_SPI_EN/
BOND[2]
CODE
EXECUTION
0
X
1
External SPI2
00
0
ROM
01
0
OTP
1X
X
OTP
TABLE 7-2:
CODE SPACE
Name
Address Range
INTERNAL ROM (4 K) (SEC1110 and SEC1210)
INTERNAL ROM (16 K) (later versions)
0000h-0FFFh
C000h-CFFFh (alias address range) (deprecated)
18000h-18FFFh (alias address range)
1A000h-1DFFFh (alias address range) (later
versions)
OTP ROM (16 K)
0000h-3FFFh
EXTERNAL SPI
0000-FFFFh
SRAM (1.5 K)
19000h-195FFh (alias address range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com