Electronic Components Datasheet Search
  English  ▼

X  

SEC1110 Datasheet(PDF) 39 Page - Microchip Technology

Part # SEC1110
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1110 Datasheet(HTML) 39 Page - Microchip Technology

Back Button SEC1110 Datasheet HTML 35Page - Microchip Technology SEC1110 Datasheet HTML 36Page - Microchip Technology SEC1110 Datasheet HTML 37Page - Microchip Technology SEC1110 Datasheet HTML 38Page - Microchip Technology SEC1110 Datasheet HTML 39Page - Microchip Technology SEC1110 Datasheet HTML 40Page - Microchip Technology SEC1110 Datasheet HTML 41Page - Microchip Technology SEC1110 Datasheet HTML 42Page - Microchip Technology SEC1110 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 39
SEC1110/SEC1210
9.1.20
INTERRUPT ENABLE 2 REGISTER – IEN2
TABLE 9-27:
INTERRUPT ENABLE 2 REGISTER
IEN2
(SFR 0X9A - RESET=0X00)
INTERRUPT ENABLE 2 REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R
Always read as 0
5
ex12
R/W
External Interrupt 12 Enable (Smart Card 1 or 2):
ex12=0 : External Interrupt 12 is disabled.
ex12=1 and eal=1 : External Interrupt 12 is enabled.
4
ex11
R/W
External Interrupt 11 Enable (Endpoint 0):
ex11=0 : External Interrupt 11 is disabled.
ex11=1 and eal=1 : External Interrupt 11 is enabled.
3
ex10
R/W
External Interrupt 10 Enable (Endpoint 5):
ex10=0 : External Interrupt 10 is disabled.
ex10=1 and eal=1 : External Interrupt 10 is enabled.
2
ex9
R/W
External Interrupt 9 Enable (Endpoint 2):
ex9=0 : External Interrupt 9 is disabled.
ex9=1 and eal=1 : External Interrupt 9 is enabled.
1
ex8
R/W
External Interrupt 8 Enable (Endpoint 1):
ex8=0 : External Interrupt 8 is disabled.
ex8=1 and eal=1 : External Interrupt 8 is enabled.
0
Reserved
R
Always read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com