Electronic Components Datasheet Search
  English  ▼

X  

LM363 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 12Page - National Semiconductor (TI) LM363 Datasheet HTML 13Page - National Semiconductor (TI) LM363 Datasheet HTML 14Page - National Semiconductor (TI) LM363 Datasheet HTML 15Page - National Semiconductor (TI) LM363 Datasheet HTML 16Page - National Semiconductor (TI) LM363 Datasheet HTML 17Page - National Semiconductor (TI) LM363 Datasheet HTML 18Page - National Semiconductor (TI) LM363 Datasheet HTML 19Page - National Semiconductor (TI) LM363 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Typical Applications (Continued)
Curvature Corrected Platinum RTD Thermometer
TLH5609 – 23
70k and 2k should track to 5 ppm C
Less than 5 ppm C drift
Less than 100 ppm C drift
These resistors should track to 20 ppm C
Equivalent circuit showing lead resistance
This thermometer is capable of 001 C accuracy over b50 Cto
a
150 C A unique trim arrangement eliminates cumbersome trim inter-
actions so that zero gain and nonlinearity correction can be trimmed in
one oven trip Extra op amps provide full Kelvin sensing on the sensor
without adding drift and offset terms found in other designs A2 is con-
figured as a Howland current pump biasing the sensor with a fixed
current
Resistors R2 R3 R4 and R5 from a bridge driven into balance by A1 In
balance both inputs of A1 are at the same voltage Since R6eR7 A1
draws equal currents from both legs of the bridge Any loading of the
R4R5 leg by the sensor would unbalance the bridge therefore both
bridge taps are given to the sensor open circuit voltage and no current
is drawn
Precision Temperature Controller
TLH5609 – 24
Ultronix 105A wirewound
ThermistoreYellow Springs
44032
Setpoint stabilitye25X10b4 CHr
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com