Electronic Components Datasheet Search
  English  ▼

X  

LM363 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 13Page - National Semiconductor (TI) LM363 Datasheet HTML 14Page - National Semiconductor (TI) LM363 Datasheet HTML 15Page - National Semiconductor (TI) LM363 Datasheet HTML 16Page - National Semiconductor (TI) LM363 Datasheet HTML 17Page - National Semiconductor (TI) LM363 Datasheet HTML 18Page - National Semiconductor (TI) LM363 Datasheet HTML 19Page - National Semiconductor (TI) LM363 Datasheet HTML 20Page - National Semiconductor (TI) LM363 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Typical Applications (Continued)
Low Frequency Rolloff (AC Coupling)
TLH5609 – 25
f1e
1
2qC1(50 kX)
e
1Hz
f2e100 f1 e 100Hz
Reduced DC voltage gain
attenuates offset error and
1f noise by a factor of 100
Precision Comparator with Balanced Inputs and Variable Offset
Boosted Current Source with Limiting
TLH5609 – 26
tpdj15 mS at 1 mV overdrive
D
VOUTeV2a06V
Hysteresise
D
VOUT
G(R1aR2)
e
2mV
OffseteVSENSE G
g
13V range
R1eR2
IOe
GVIN
R2
IMAXe
VBE
R2
j
60 mA
Thermocouple Amplifier with Cold Junction Compensation
TLH5609 – 27
Input protection circuitry allows
thermocouple to short to 120 VAC without
damaging amplifier
Calibration
1) Apply 50 mV signal in place of thermocouple
Trim R3 for VOUTe1225V
2) Reconnect thermocouple Trim R9 for correct
output
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com