Electronic Components Datasheet Search
  English  ▼

X  

AMS2596 Datasheet(PDF) 9 Page - Advanced Monolithic Systems

Part # AMS2596
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596 Datasheet(HTML) 9 Page - Advanced Monolithic Systems

Back Button AMS2596 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 9Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 10Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 11Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 12Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 13Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
9
Fax (925) 443-0723
There are a wide range 2 and 3 Amp, shielded and
non-shielded inductors available. Table 1 lists a few.
Table 1. Inductor Selection Guide
Series
Type
Dimensions (mm)
W
L
H
Sumida
CDRH127
Shielded
12.3
12.3
8
CDRH127/LD
Shielded
12.3
12.3
8
CDRH105R
Shielded
10.3
10.5
5.1
Coilcraft
MSS1246
Shielded
12
12
4.6
MSS1246T
Shielded
12
12
4.6
DO5022P
Non-
Shielded
18
15
7.1
DO5010H
Non-
Shielded
18
15.3
7.6
Output Capacitor
The optimum solution for the switching regulator is to
use a large bulk capacitor for large load transients in
parallel with a smaller, low ESR, X5R or X7R ceramic
capacitor to minimize the switching frequency ripple.
High Frequency Ripple
The following equation determines the required low
ESR ceramic output capacitance for a given inductor
current ripple (Ipp).
C=
Ipp
Fs·8·dV
=
0.88A
150kHz·8·20mV
=36μF
Large Signal Transient
For applications with large load transients an
additional capacitor may be required to keep the
output voltage within the limits required during large
load transients.
In this case the required capacitance can be
examined for the load application and load removal.
For full load to no load transient the required
capacitance is
Cbulk=
L·Io2
Vos2-Vo2
=
22μH·(3A)
2
(5.2V)
2-(5V)2
=97μF
For the application of a load pulse the capacitance
required form hold up depends on the time it takes for
the power supply loop to build up the inductor current
to match the load current. For the AMS2596 this can
be estimated to be less than 20 µsec or about three
clock cycles.
Cbulk=
Io·t
dV
=
3A·20μsec
0.2V
=300μF
For applications that do not have any significant load
transient requirements a ceramic capacitor alone is
typically sufficient.
Input Capacitor
The low esr ceramic capacitor required at the input to
filter out high frequency noise as well as switching
frequency ripple. Placement of the capacitor is critical
for good high frequency noise rejection. See the PCB
layout guidelines section for details. Switching
frequency ripple is also filtered by the ceramic bypass
input capacitor. Given a desired input voltage ripple
(Vripple) limit, the required input capacitor can be
estimated with:
Dmax=
Vo+Vfwd
Vinmin-V
ce+Vfwd
Vce is the forward voltage drop of the switching
transistor and Vfwd is the external Schottky forward
voltage.
C=
Dmax·Io·(1-Dmax)
Fs·Vripple
=
5V +0.2V
10V-0.3V+0.2V ·3A· 1-
5V 0.2V
10V-0.3V+0.2V
150kHz·0.2V
=25μF
.
Vce is the forward voltage drop of the switching
transistor and Vfwd is the external Schottky forward
voltage. For high voltage input converters the duty
cycle is always less than 50% so the maximum ripple
is at the minimum input voltage. The ripple will
increase as the duty cycle approaches 50% where it
is a maximum.
Feedback Resistor Selection
The step down converter and LDO both use a 0.6V
reference voltage at the positive terminal of the error
amplifier. To set the output voltage a programming
resistor form the feedback node to ground must first
be selected (R2,R3 of figure 4). A 10kΩ resistor is a
good selection for a programming resistor. A higher
value could result in an excessively sensitive
feedback node while a lower value will draw more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com