Electronic Components Datasheet Search
  English  ▼

X  

AMS2596 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS2596
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS2596 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
4
Fax (925) 443-0723
Typical Characteristics
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Output Current (A)
Efficiency Vout=5V, L=22µH,
B540C Schottky
Vin =12V
Vin =24V
Vin =30V
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Output Current (A)
Efficiency Vout=3.3V,
L=22µH, IRF5F30 Schottky
Vin =12V
Vin =23V
Vin =30V
0.0
0.4
0.8
1.2
1.6
5
10
152025
30
Input Voltage (V)
No Load Input Current vs. Input
Voltage Vout = 5V
-1.0
-0.6
-0.2
0.2
0.6
1.0
0.01
0.1
1
10
Output Current (A)
Load Regulation Vout =5V, L=22µH
Vin =12V
Vin =24V
Vin =30V
-1.0
-0.6
-0.2
0.2
0.6
1.0
0.01
0.1
1
10
Output Current (A)
Load Regulation Vout=3.3V, L=22µH
Vin =12V
Vin =23V
Vin =30V
154
158
162
166
170
5
10152025
30
Input Voltage (V)
Switching Frequency vs. Input Voltage
Vout = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com