Electronic Components Datasheet Search
  English  ▼

X  

AMS3108 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS3108
Description  Low self noise
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3108 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS3108 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AMS3108
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS3108 is a high performance linear regulator
with very low dropout voltage and excellent transient
response. It is designed to operate with wide input
voltage range of 1.5 – 12Volts making it ideal for two
step conversion while maintaining high efficiency for
many power sensitive applications. The device is
capable of supplying 700mA of output current with a
typical dropout voltage of 550mV. The product is
available in either fixed or adjustable output voltage.
The linear regulator has been optimized for noise
sensitive applications.
The device includes an
Enable pin for electrical on/off of the regulator.
Forcing the Enable pin to logic low shuts down the
LDO and reduces the supply current below 1µA. In
addition, the AMS3108 provides an open collector
Power Good (PG) signal to allow supply monitoring
and sequencing of other supplies.
The product includes complete short-circuit and
thermal protection. The combination of these two
internal protection circuits gives the device a
comprehensive safety system to safe guard against
extreme adverse operating conditions.
The AMS3108 is available in a thermally enhanced
SOIC-8 EDP package, and it is rated for -40°C to
+125°C temperature range.
Features
•
VIN range: 1.5 – 12V
•
Fixed and Adjustable output voltage as low
as 0.6V
•
700mA maximum output current
•
550mV of typical dropout voltage at 700mA
•
Low self noise
•
Enable (EN) pin for LDO on/off
•
Power Good (PG) output
•
120µA typical supply current
•
ByPass pin (CBYP) for low PSRR and output
noise
•
PSRR > 40dB at 10KHz
•
Stable with Electrolytic, Tantalum or
Ceramic capacitors
•
Current Limit protection
•
Over-Temperature Shutdown
•
-40 to +125°C temperature range
•
Thermally enhanced SOIC-8 exposed
paddle package
•
RoHS & WEEE compliant
Applications
•
ASIC Power Supplies In:
Set-top Boxes, Desktops, Notebooks
Graphic Cards, Printers and Copiers
•
DVD, Blue-Ray DVD writers
•
LCD TVs and LCD monitors
•
Infotainment
•
Wireless & RF: applications
•
DSP and FPGA Power Supplies
•
Medical Instrumentation
•
SMPS Post-Regulator
Typical Application


Similar Part No. - AMS3108

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
Micropower 700mA Low Noise Fast Transient Response LDO
AMS3108S AMS-AMS3108S Datasheet
490Kb / 10P
Micropower 700mA Low Noise Fast Transient Response LDO
AMS3108S-XX AMS-AMS3108S-XX Datasheet
490Kb / 10P
Micropower 700mA Low Noise Fast Transient Response LDO
More results

Similar Description - AMS3108

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5107 MITSUBISHI-MGFC5107 Datasheet
43Kb / 5P
Ka-Band 3-Stage Self Bias Low Noise Amplifier
MGFC5108 MITSUBISHI-MGFC5108 Datasheet
43Kb / 5P
Ka-Band 3-Stage Self Bias Low Noise Amplifier
MGFC5109 MITSUBISHI-MGFC5109 Datasheet
37Kb / 4P
Ka-Band 3-Stage Self Bias Low Noise Amplifier
MGFC5110 MITSUBISHI-MGFC5110 Datasheet
35Kb / 4P
Ka-Band 3-Stage Self Bias Low Noise Amplifier
logo
United Monolithic Semic...
CHA2066RBF UMS-CHA2066RBF Datasheet
182Kb / 8P
10-16GHz Self biased Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
INA-12063 HP-INA-12063 Datasheet
351Kb / 24P
1.5 GHz Low Noise Self-Biased Transistor Amplifier
logo
ON Semiconductor
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
Self-Protected Low Side Driver
November, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com