Electronic Components Datasheet Search
  English  ▼

X  

AMS3108 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS3108
Description  Low self noise
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3108 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS3108 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3108 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AMS3108
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
3
Fax (925) 443-0723
Absolute Maximum Ratings
(1)
Maximum Input Supply Voltage (VIN)………....……..… -0.3V to 15V
Enable Voltage (EN)……………..…..………….……… -0.3V to 15V
Power Good (PG).……………..…..………………….… -0.3V to 15V
Adjustable Voltage (ADJ)……………………………….… -0.3V to 3V
ByPass Voltage (BYP)…………..…..…………………… -0.3V to 3V
Storage Temperature Range……………................. -65⁰C to 150⁰C
Lead Temperature…………………..………….…………..…… 260⁰C
Junction Temperature………...………………..……..………… 125⁰C
Recommended Operating Conditions
(2)
Input Voltage………………………………….……..…….. 1.5V to 12V
Ambient Operating Temperature…………….……… -40⁰C to 125⁰C
Thermal Information
8L SOIC EP θJA
(3) ………………………………………..…...45⁰C/W
Electrical Characteristics
Unless otherwise noted: VIN=3.3V, VOUT=1.8V; CIN=10 µF, COUT=22µF, -40⁰C≤TA=TJ≤85⁰C, TJ(Max.)=125°C; Typical values are TA=25°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
VOUT
-3
3
%
Adjustable Voltage
VADJ
Adjustable VOUT only
0.594
0.6
0.606
V
Adjustable bias current
IADJ_Bias
Adjustable VOUT only
10
100
nA
Maximum Output Current
IOUT_Max
700
mA
Load Regulation
IOUT= 0 – 700mA
0.6
%
Line Regulation
VIN=3.0 – 12V; IOUT=100mA
0.15
%
Supply Current
ISUP
VIN=3.3V, Io=0A
120
150
µA
Shutdown Current
ISHDN
VIN=3.3V, VEN=0V
<1
µA
Current Limit
ILIM
800
mA
Dropout Voltage
VDO
IOUT=100mA; VOUT=95% of VOUT(NOM)
220
mV
IOUT=250mA; VOUT=95% of VOUT(NOM)
300
IOUT=500mA; VOUT=95% of VOUT(NOM)
425
IOUT=750mA; VOUT=95% of VOUT(NOM)
600
PSRR
ΔVOUT/ΔVIN
F=10KHz Io=20mA
33
dB
Output Noise Voltage
en
BW: 100Hz–100 KHz
COUT = 22µF
ILOAD = 150mA
No CBYP
118
µV(rms)
CBYP = 10nF
33
Enable Threshold Low
VEN(L)
1
V
Enable Threshold High
VEN(H)
1.1
V
Input Enable Low Current
IEN(L)
VEN = 0V
0
10
nA
Input Enable High Current
IEN(H)
VEN = 1.5V
150
300
nA
Power Good Low Threshold
VPG
% of VOUT PG ON
89
%
Power Good High Threshold
VPG
% of VOUT PG OFF
97
%
Power Good Output Low Voltage
VPGL
IPG_SINK = 500
μA,Fault Condition
200
300
mV
Power Good Leakage Current
IPG
PG off, VPG = 12V
0.01
μA
Thermal Shutdown
TSD
145
°C
Thermal Shutdown Hysteresis
TSD_HYS
15
°C
Notes:
1.
Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device.
2.
Measured on approximately 1” square of 1 oz. copper.
3.
The total power dissipation for SO-8 EDP package is recommended to 2.5W rated at 25⁰C ambient temperature. The thermal resistance Junction to Case
is 45⁰C/W. Total power dissipation for the switching regulator and the LDO should be taken in consideration when calculating the output current capability
of each regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com