Electronic Components Datasheet Search
  English  ▼

X  

AMS3131 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS3131
Description  Current Limit protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3131 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS3131 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMS3131
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
3
Fax (925) 443-0723
Absolute Maximum Ratings
(1)
Maximum Input Supply Voltage (VIN)……..…....….… -0.3V to 15V
Storage Temperature Range……………................ -65⁰C to 150⁰C
Lead Temperature…………………..……….….…………..… 260⁰C
Junction Temperature………...……………..…..…………… 125⁰C
Recommended Operating Conditions
(2)
Input Voltage………………………….……….……...….. 1.5V to 7V
Ambient Operating Temperature……...………..… -40⁰C to 125⁰C
Thermal Information
TO-220 3-pin θJA .. …………...………………………..…...50⁰C/W
TO-263 3-pin θJA
(3) ……………………………….…………30⁰C/W
Electrical Characteristics
Unless otherwise noted: VIN=3.3V; VOUT=1.8V; CIN=10 µF ; COUT=22µF; -40⁰C≤TA=TJ≤85⁰C; TJ(Max.)= 125°C; Typical values are TA=25°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
VOUT
-3
3
%
Maximum Output Current
IOUT_Max
2
A
Load Regulation
IOUT= 0 – 3A
0.1
%
Line Regulation
VIN=3.0 – 7.0V; IOUT=100mA
0.1
%
Supply Current
ISUP
VIN=3.3V, Io=0A
0.6
1
mA
Current Limit
ILIM
6
A
Dropout Voltage
VDO
IOUT=0.1A; VOUT=95% of VOUT(NOM)
60
mV
IOUT=1A; VOUT=95% of VOUT(NOM)
220
IOUT=2A; VOUT=95% of VOUT(NOM)
420
IOUT=3A; VOUT=95% of VOUT(NOM)
700
PSRR
ΔVOUT/ΔVIN
F=10KHz Io=20mA
40
dB
Output Noise Voltage
en
BW= 100Hz –100 KHz
COUT = 22µF
IOUT = 2.75A
125
µV(rms)
Thermal Shutdown
TSD
145
°C
Thermal Shutdown Hysteresis
TSD_HYS
15
°C
Notes:
1.
Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device.
2.
Measured on approximately 1” square of 1 oz. copper.
3.
With package soldering to 0.5in
2 copper area over backside ground plane or internal power plane θJA can vary from 20°C/W to >40°C/W depending on
mounting technique
. The thermal resistance Junction to Case is 45⁰C/W. Total power dissipation for the switching regulator and the LDO should be taken
in consideration when calculating the output current capability of each regulator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com