Electronic Components Datasheet Search
  English  ▼

X  

AMS3131 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS3131
Description  Current Limit protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3131 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS3131 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3131 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ty
02/11/2010
ypical Perfo
1.792
1.794
1.796
1.798
1.800
1.802
1.804
-50
Ou
-0.2
-0.1
0.0
0.1
0.2
3
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.0
0
ormance C
-25
0
Ambient T
utput Voltage
(Fixed Volta
4
Input
Line Regul
0.1
Output
Load
Characteris
25
50
75
Temperature
e Temperatur
ge Option) V
5
Voltage (V)
lation V
OUT =
1.0
t Current (A)
d Regulation
www.ad
stics (TA = 2
5
100 125
e (ºC)
re Variation
V
O = 1.8V
67
2.5V
10.
n
dvanced-mono
4
25°C unless o
5
.0
3A Fas
olithic.com
otherwise sp
0.0
0.2
0.4
0.6
0.8
1.0
-50
-2
Dro
0
10
20
30
40
50
60
70
0.0
0
I
GND vs
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0
Drop
A
st Transien
pecified)
250
25
Ambient Te
opout Voltag
0.5
1.0
Output C
s. Output Cur
0.5
1
Output
pout Voltage
AMS3
nt Linear R
Phone (925)
Fax (925)
5
50
75
emperature (
ge vs. Tempe
2A
1 A
3A
1.5
2.0
urrent (A)
rrent V
O=2.5V
1.5
2
Current (A)
e vs. Output
VO
3131
egulator
) 443-0722
) 443-0723
100 125
°C)
erature
2.5
3.0
V, V
IN=3.3V
2.5
3
Current
OUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com