Electronic Components Datasheet Search
  English  ▼

X  

TAS5780M Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5780M
Description  Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5780M Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS5780M Datasheet HTML 75Page - Texas Instruments TAS5780M Datasheet HTML 76Page - Texas Instruments TAS5780M Datasheet HTML 77Page - Texas Instruments TAS5780M Datasheet HTML 78Page - Texas Instruments TAS5780M Datasheet HTML 79Page - Texas Instruments TAS5780M Datasheet HTML 80Page - Texas Instruments TAS5780M Datasheet HTML 81Page - Texas Instruments TAS5780M Datasheet HTML 82Page - Texas Instruments TAS5780M Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 204 page
background image
79
TAS5780M
www.ti.com
SLASEG7 – DECEMBER 2016
Product Folder Links: TAS5780M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Power Supplies (continued)
The outputs of the high-performance DACs used in the TAS5780M device are ground centered, requiring both a
positive low-voltage supply and a negative low-voltage supply. The positive power supply for the DAC output
stage is taken from the AVDD pin, which is connected to the DVDD supply provided by the system. A charge
pump is integrated in the TAS5780M device to generate the negative low-voltage supply. The power supply input
for the charge pump is the CPVDD pin. The CPVSS pin is provided to allow the connection of a filter capacitor
on the negative low-voltage supply. As is the case with the other supplies, the component selection, placement,
and routing of the external components for these low voltage supplies are shown in the TAS5780M and should
be followed as closely as possible to ensure proper operation of the device.
11.1.2 PVDD Supply
The output stage of the speaker amplifier drives the load using the PVDD supply. This is the power supply which
provides the drive current to the load during playback. Proper connection, routing, and decoupling techniques are
highlighted in the TAS5780MEVM and must be followed as closely as possible for proper operation and
performance. Due to the high-voltage switching of the output stage, it is particularly important to properly
decouple the output power stages in the manner described in the TAS5780M deviceApplication and
Implementation . Lack of proper decoupling, like that shown in the Application and Implementation , results in
voltage spikes which can damage the device.
A separate power supply is required to drive the gates of the MOSFETs used in the output stage of the speaker
amplifier. This power supply is derived from the PVDD supply via an integrated linear regulator. A GVDD_REG
pin is provided for the attachment of decoupling capacitor for the gate drive voltage regulator. It is important to
note that the linear regulator integrated in the device has only been designed to support the current requirements
of the internal circuitry, and should not be used to power any additional external circuitry. Additional loading on
this pin could cause the voltage to sag, negatively affecting the performance and operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com