Electronic Components Datasheet Search
  English  ▼

X  

TAS5780M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5780M
Description  Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5780M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5780M Datasheet HTML 9Page - Texas Instruments TAS5780M Datasheet HTML 10Page - Texas Instruments TAS5780M Datasheet HTML 11Page - Texas Instruments TAS5780M Datasheet HTML 12Page - Texas Instruments TAS5780M Datasheet HTML 13Page - Texas Instruments TAS5780M Datasheet HTML 14Page - Texas Instruments TAS5780M Datasheet HTML 15Page - Texas Instruments TAS5780M Datasheet HTML 16Page - Texas Instruments TAS5780M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 204 page
background image
13
TAS5780M
www.ti.com
SLASEG7 – DECEMBER 2016
Product Folder Links: TAS5780M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Free-air room temperature 25°C (unless otherwise noted) Measurements were made using TAS5780MEVM board and Audio
Precision System 2722 with Analog Analyzer filter set to 40 kHz brickwall filter. The device output PWM frequency was set to
768 kHz unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (per channel)
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 2 Ω,
THD+N = 0.1%, Unless otherwise noted
30
W
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 4 Ω,
THD+N = 0.1%, Unless otherwise noted
16
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 8 Ω,
THD+N = 0.1%
9
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 2 Ω,
THD+N = 0.1%, Unless otherwise noted
44
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
THD+N = 0.1%, Unless otherwise noted
22
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
THD+N = 0.1%
13
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 2 Ω,
THD+N = 0.1%, Unless otherwise noted
50
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
THD+N = 0.1%, Unless otherwise noted
36
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
THD+N = 0.1%
20
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 2 Ω,
THD+N = 0.1%, Unless otherwise noted
40
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
THD+N = 0.1%, Unless otherwise noted
61
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
THD+N = 0.1%
34
SNR
Signal-to-noise ratio
(referenced to 0 dBFS input
signal)
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
105
dB
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
104
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
105
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
107
THD+N
Total harmonic distortion and
noise
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 2 Ω,
PO = 1 W, f = 1kHz
0.014%
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 4 Ω,
PO = 1 W, f = 1kHz
0.011%
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.014%
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 2 Ω,
PO = 1 W, f = 1kHz
0.015%
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
PO = 1 W, f = 1kHz
0.013%
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.015%
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 2 Ω,
PO = 1 W, f = 1kHz
0.018%
V, RSPK = 4 Ω, PO = 1 W, f = 1kHz
0.012%
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.020%
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 2 Ω,
PO = 1 W, f = 1kHz
0.028%
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
PO = 1 W, f = 1kHz
0.02%
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.027%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com