Electronic Components Datasheet Search
  English  ▼

X  

IS1870 Datasheet(PDF) 1 Page - Microchip Technology

Part # IS1870
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1870 Datasheet(HTML) 1 Page - Microchip Technology

  IS1870 Datasheet HTML 1Page - Microchip Technology IS1870 Datasheet HTML 2Page - Microchip Technology IS1870 Datasheet HTML 3Page - Microchip Technology IS1870 Datasheet HTML 4Page - Microchip Technology IS1870 Datasheet HTML 5Page - Microchip Technology IS1870 Datasheet HTML 6Page - Microchip Technology IS1870 Datasheet HTML 7Page - Microchip Technology IS1870 Datasheet HTML 8Page - Microchip Technology IS1870 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 1
IS1870/71
Features
• Bluetooth smart 4.2 Bluetooth Low-Energy (BLE)
compliant
• 256 Kbytes embedded Flash memory
• UART/SPI/I2C interface supported
• Integrated crystal oscillator, operates with 32 MHz
external crystal
• Temperature sensor supported
• Flexible GPIO pins:
- 31 GPIO pins (IS1870)
- 15 GPIO pins (IS1871)
• PWM support:
- 4-channel PWM support (IS1870)
- 1-channel PWM support (IS1871)
• 12 bits ADC (ENOB=10/8-bit) support for battery
and voltage detection. 16-channel (IS1870)/
6-channel (IS1871)
• AES-CMAC hardware engine
• Beacon support
• Low-power consumption
• Peak current: Tx 13 mA, Rx 13 mA at VBAT=3.0V,
buck power
• Compact size:
- IS1871: 4 mm x 4 mm 32QFN package
- IS1870: 6 mm x 6 mm 48QFN package
Radio Frequency (RF)/Analog Features
• ISM band: 2.402 GHz to 2.480 GHz operation
• Channels: 0-39
• Rx sensitivity: -90 dBm in BLE mode
• Tx power: +2 dBm (max)
• Received Signal Strength Indicator (RSSI) moni-
tor
Operating Conditions
• Operating voltage: 1.9V to 3.6V
• Operating temperature: -20°C to +70°C
Applications
• Internet of Things (IoT)
• Wearable, fitness, or healthcare
• Weight scale
• Proximity/Find Me services
• Payment/Security
• Digital Beacons
• Consumer appliances or home automation
• Industrial
Packages
Type
IS1870
IS1871
Pin Count
48
32
I/O Pins (up to)
31
16
Contact/Lead Pitch
0.4
0.4
Dimensions
6x6x0.9
4x4x0.9
Package
QFN48
QFN32
Note:
All dimensions are in millimeters (mm) unless specified.
Bluetooth® Low Energy (BLE) SoC
IS1870SF_IS1871SF.book Page 1 Thursday, March 31, 2016 10:29 AM


Similar Part No. - IS1870

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
IS180 Input (Compact Range)
IS180 ISOCOM-IS180 Datasheet
861Kb / 10P
AC Isolation Voltage 3750VRMS
logo
PAIRUI GROUP INC.
IS180-24 PAIRUI-IS180-24 Datasheet
744Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS180-24 PAIRUI-IS180-24 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS180-48 PAIRUI-IS180-48 Datasheet
744Kb / 19P
AC-DC Din Rail Mounted Power Supply
More results

Similar Description - IS1870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
The most integrated and flexible Bluetooth짰 low energy SoC
logo
Silicon Laboratories
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
logo
Cypress Semiconductor
CY8CKIT-042-BLE CYPRESS-CY8CKIT-042-BLE Datasheet
9Mb / 162P
Bluetooth짰 Low Energy (BLE) Pioneer Kit Guide
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
Bluetooth짰 Low Energy Module
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
logo
Pepperl+Fuchs Inc.
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
Bluetooth짰 Low Energy Beacon
2021-06-28
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com