Electronic Components Datasheet Search
  English  ▼

X  

IS1870 Datasheet(PDF) 19 Page - Microchip Technology

Part # IS1870
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1870 Datasheet(HTML) 19 Page - Microchip Technology

Back Button IS1870 Datasheet HTML 15Page - Microchip Technology IS1870 Datasheet HTML 16Page - Microchip Technology IS1870 Datasheet HTML 17Page - Microchip Technology IS1870 Datasheet HTML 18Page - Microchip Technology IS1870 Datasheet HTML 19Page - Microchip Technology IS1870 Datasheet HTML 20Page - Microchip Technology IS1870 Datasheet HTML 21Page - Microchip Technology IS1870 Datasheet HTML 22Page - Microchip Technology IS1870 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 19
IS1870/71
3.1
Current Consumption Details
3.1.1
Tx/Rx CURRENT CONSUMPTION
DETAILS
Figure 3-1 and Figure 3-2 illustrate the Tx/Rx peak and
average current consumption of advertising event in
the BLEDK3 beacon mode application.
The peak current of the VBAT input is 12 mA and the
average current is around 0.23 mA. In this example the
advertising interval is 100 ms and current consumption
is measured at 3.3V VBAT input.
FIGURE 3-1:
Tx/Rx PEAK CURRENT CONSUMPTION IN BLEDK3 BEACON MODE
APPLICATION
IS1870SF_IS1871SF.book Page 19 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com